전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD37068FV-M 데이터시트(PDF) 10 Page - Rohm

부품명 BD37068FV-M
상세설명  AEC-Q100 Qualified
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD37068FV-M 데이터시트(HTML) 10 Page - Rohm

Back Button BD37068FV-M Datasheet HTML 6Page - Rohm BD37068FV-M Datasheet HTML 7Page - Rohm BD37068FV-M Datasheet HTML 8Page - Rohm BD37068FV-M Datasheet HTML 9Page - Rohm BD37068FV-M Datasheet HTML 10Page - Rohm BD37068FV-M Datasheet HTML 11Page - Rohm BD37068FV-M Datasheet HTML 12Page - Rohm BD37068FV-M Datasheet HTML 13Page - Rohm BD37068FV-M Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10/31
Datasheet
BD37068FV-M
TSZ02201-0C2C0E100130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
13.MAR.2014 Rev.001
www.rohm.com
TSZ22111
・15・001
(5) Select Address & Data
Items
Select
Address
(hex)
MSB
Data
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Initial setup 1
01
Advanced
switch
ON/OFF
0
Advanced switch
time of Input
Gain/Fader
0
0
0
0
Initial setup 2
02
0
0
Sub selector
0
0
Rear
selector
Front
selector
Input Selector
05
0
0
0
0
Input selector
Input gain
06
0
0
Input Gain
Fader 1ch Front
28
Fader Gain / Attenuation
Fader 2ch Front
29
Fader Gain / Attenuation
Fader 1ch Rear
2A
Fader Gain / Attenuation
Fader 2ch Rear
2B
Fader Gain / Attenuation
Fader Center
2C
Fader Gain / Attenuation
Fader Subwoofer
2D
Fader Gain / Attenuation
LPF setup
Mixing
30
Front
mixing
ON/OFF
LPF fc
0
0
0
0
Sub
Gain
adjust
Main
Gain
adjust
System Reset
FE
1
0
0
0
0
0
0
1
Advanced switch
Notes on data format
1. In function changing of the hatching part, it works advanced switch.
2. Upon continuous data transfer, the Select Address is circulated by the automatic increment function, as shown
below.
3. For the function of input selector, it is not corresponded for advanced switch. Therefore, please apply mute on
the side of a set when changes these setting.
4.Such as when switching to the IC input selector set to be -
∞, sending data without careful consideration of
advanced switch time.
→01→02→05→06→28→29→2A→2B→2C→2D→30


유사한 부품 번호 - BD37068FV-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD37068FV-M ROHM-BD37068FV-M Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
BD37068FV-ME2 ROHM-BD37068FV-ME2 Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
BD37068FV-M ROHM-BD37068FV-M_16 Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
More results

유사한 설명 - BD37068FV-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com