전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS220-10N 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 CS220-10N
상세설명  SILICON CONTROLLED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS220-10N 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  CS220-10N Datasheet HTML 1Page - Central Semiconductor Corp CS220-10N Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS220-10B
CS220-10D
CS220-10M
CS220-10N
SILICON CONTROLLED RECTIFIERS
10 AMP, 200 THRU 800 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS220-10B series
types are epoxy molded SCRs designed for sensing
circuit and control system applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
CS220
SYMBOL
-10B
-10D
-10M
-10N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
10
A
Peak One Cycle Surge Current, t=10ms
ITSM
100
A
I2t Value for Fusing, t=10ms
I2t
50
A2s
Peak Gate Power Dissipation, tp=10μs
PGM
40
W
Average Gate Power Dissipation
PG(AV)
1.0
W
Peak Forward Gate Current, tp=10μs
IFGM
4.0
A
Peak Forward Gate Voltage, tp=10μs
VFGM
16
V
Peak Reverse Gate Voltage, tp=10μs
VRGM
5.0
V
Critical Rate of Rise of On-State Current
di/dt
50
A/μs
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Thermal Resistance
ΘJA
60
°C/W
Thermal Resistance
ΘJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IDRM, IRRM Rated VDRM, VRRM
10
μA
IDRM, IRRM Rated VDRM, VRRM, TC=125°C
2.0
mA
IGT
VD=12V, RL=33Ω
15
mA
IH
IT=100mA
30
mA
VGT
VD=12V, RL=33Ω
1.5
V
VTM
ITM=20A, tp=10ms
1.6
V
dv/dt
VD=⅔Rated VDRM, TC=125°C
200
V/μs
TO-220 CASE
R1 (24-October 2013)
www.centr a lsemi.com


유사한 부품 번호 - CS220-10N

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CS220-10N CENTRAL-CS220-10N Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
More results

유사한 설명 - CS220-10N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com