전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF2805A 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 LF2805A
상세설명  RF MOSFET Power Transistor, 5W, 28V 500 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

LF2805A 데이터시트(HTML) 2 Page - Tyco Electronics

  LF2805A Datasheet HTML 1Page - Tyco Electronics LF2805A Datasheet HTML 2Page - Tyco Electronics LF2805A Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


유사한 부품 번호 - LF2805A

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor
LF2805A MA-COM-LF2805A_17 Datasheet
613Kb / 4P
   RF Power MOSFET Transistor
More results

유사한 설명 - LF2805A

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
   RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
logo
Tyco Electronics
UF2805B MACOM-UF2805B Datasheet
196Kb / 3P
   RF MOSFET Power Transistor, 5W, 28V 100 - 500 MHz
LF2810A MACOM-LF2810A Datasheet
207Kb / 3P
   RF MOSFET Power Transistor, IOW, 28V 500 - 1000 MHz
logo
M/A-COM Technology Solu...
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
logo
Tyco Electronics
DU2805S MACOM-DU2805S Datasheet
194Kb / 3P
   RF MOSFET Power Transistor, 5W, 28V 2 - 175 MHz
logo
M/A-COM Technology Solu...
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
logo
Tyco Electronics
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com