전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB6D0DN35QB 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KMB6D0DN35QB
상세설명  Dual N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB6D0DN35QB 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KMB6D0DN35QB_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMB6D0DN35QB_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMB6D0DN35QB_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMB6D0DN35QB_15 Datasheet HTML 4Page - KEC(Korea Electronics) KMB6D0DN35QB_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2011. 2. 25
2/5
KMB6D0DN35QB
Revision No : 0
ELECTRICAL CHARACTERISTICS (Tj=25
℃) UNLESS OTHERWISE NOTED
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250μ
A, VGS=0V
35
-
-
V
Drain Cut-off Current
IDSS
VDS=35V, VGS=0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μ
A
1.0
2.0
3.0
V
Drain-Source ON Resistance
RDS(ON)
VGS=10.0V, ID=6A
-
24
28
m
VGS=4.5V, ID=5A
-
35
42
On-State Drain Current
ID(ON)
VDS=5V, VGS=10V
20
-
-
A
Forward Transconductance
gfs
VDS=10V, ID=6A
-
20
-
S
Dynamic
Input Capacitance
Ciss
VDS=15V, f=1MHz, VGS=0V
-
460
-
pF
Ouput Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-
50
-
Total Gate Charge
Qg
VDS=28V, VGS=10V, ID=6A (Note2,3)
-
9.0
12.6
nC
Gate-Source Charge
Qgs
-
1.5
-
Gate-Drain Charge
Qgd
-
3.0
-
Total Gate Charge
Qg
VDS=28V, VGS=5V, ID=6A (Note2,3)
-
5.5
-
Turn-On Delay Time
td(on)
VDD=15V, VGS=10V
ID=1A, RG=6Ω (Note2,3)
-
16
-
ns
Turn-On Rise Time
tr
-
14.5
25.5
Turn-Off Delay Time
td(off)
-
40
-
Turn-Off Fall Time
tf
-
11.5
21
Source-Drain Diode Ratings
Source-Drain Forward Voltage
VSDF
IDR=1.7A, VGS=0V
-
0.75
1.2
V
Note1) Repetivity rating : Pulse width Limited by juntion temperature.
Note2) Pulse tesl : Pulse width
≤ 300㎲ , Duty cycle ≤ 2%
Note3) Essentially independenl of operating temperature.


유사한 부품 번호 - KMB6D0DN35QB_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB6D0DN35QB KEC-KMB6D0DN35QB Datasheet
897Kb / 5P
   Dual N-Ch Trench MOSFET
More results

유사한 설명 - KMB6D0DN35QB_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB4D5DN60QA KEC-KMB4D5DN60QA_15 Datasheet
769Kb / 4P
   Dual N-Ch Trench MOSFET
KMB4D5DN60QA KEC-KMB4D5DN60QA Datasheet
57Kb / 4P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QA KEC-KMB7D0DN40QA_09 Datasheet
86Kb / 5P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF1002 KODENSHI-SUF1002 Datasheet
353Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB7D0DN40QA KEC-KMB7D0DN40QA Datasheet
460Kb / 4P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF3001 KODENSHI-SUF3001 Datasheet
344Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMD6D0DN40Q KEC-KMD6D0DN40Q_15 Datasheet
378Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_15 Datasheet
381Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_08 Datasheet
62Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QB KEC-KMB6D0DN30QB Datasheet
380Kb / 5P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QB KEC-KMB7D0DN40QB Datasheet
839Kb / 5P
   Dual N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com