전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB7D1DP30QA 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KMB7D1DP30QA
상세설명  Dual P-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB7D1DP30QA 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KMB7D1DP30QA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMB7D1DP30QA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMB7D1DP30QA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMB7D1DP30QA_15 Datasheet HTML 4Page - KEC(Korea Electronics) KMB7D1DP30QA_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2007. 4. 17
1/5
SEMICONDUCTOR
TECHNICAL DATA
KMB7D1DP30QA
Dual P-Ch Trench MOSFET
Revision No : 0
General Description
This Trench MOSFET has better characteristics, such as fast switching
time, low on resistance, low gate charge and excellent avalanche
characteristics. It is mainly suitable for portable equipment and Load
Switch.
FEATURES
・V
DSS=-30V, ID=-7.1A
・Drain-Source ON Resistance
RDS(ON)=25mΩ(Max.) @ VGS=-10V
RDS(ON)=41mΩ(Max.) @ VGS=-4.5V
・Super Hige Dense Cell Design
MAXIMUM RATING (Ta=25
℃)
FLP-8
0.20+0.1/-0.05
P
T
1.27
U
0.1 MAX
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
G
H
B1 B2
1
4
5
8
A
P
D
L
T
U
Note : Surface Mounted on FR4 Board, t
≤10sec.
PIN CONNECTION (TOP VIEW)
1
2
3
4
8
7
6
5
S1
G1
S2
G2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
CHARACTERISTIC
SYMBOL
P-Ch
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
DC@TA=25℃
ID
-7.1
A
DC@TA=70℃
-5.7
Pulsed
IDP
-40
Drain-Source-Diode Forward Current
IS
-1.7
A
Drain Power Dissipation
TA=25℃
PD
1.1
W
TA=70℃
0.7
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Thermal Resistance, Junction to Ambient
RthJA
110
℃/W
KMB7D1DP
30QA
705


유사한 부품 번호 - KMB7D1DP30QA_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB7D1DP30QA KEC-KMB7D1DP30QA Datasheet
473Kb / 5P
   Dual P-Ch Trench MOSFET
More results

유사한 설명 - KMB7D1DP30QA_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB7D1DP30QA KEC-KMB7D1DP30QA Datasheet
473Kb / 5P
   Dual P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
KMA2D3P20S KEC-KMA2D3P20S Datasheet
474Kb / 5P
   P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA Datasheet
54Kb / 4P
   P-Ch Trench MOSFET
KML0D4P20E KEC-KML0D4P20E Datasheet
791Kb / 4P
   P-Ch Trench MOSFET
KMA4D5P20X KEC-KMA4D5P20X Datasheet
423Kb / 5P
   P-CH Trench MOSFET
KMA3D7P20SA KEC-KMA3D7P20SA Datasheet
81Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA_15 Datasheet
848Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com