전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB8D0P30QA 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KMB8D0P30QA
상세설명  P-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB8D0P30QA 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KMB8D0P30QA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMB8D0P30QA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMB8D0P30QA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMB8D0P30QA_15 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2009. 6. 15
1/4
SEMICONDUCTOR
TECHNICAL DATA
KMB8D0P30QA
P-Ch Trench MOSFET
Revision No : 0
GENERAL DESCRIPTION
This Trench MOSFET has better characteristics, such as fast switching time, low
on resistance, low gate charge and excellent avalanche characteristiscs. It is mainly
suitable for Load Switch and Battery pack.
FEATURES
・V
DSS=-30V, ID=-8A.
・Drain to Source On Resistance.
RDS(ON)=20mΩ(Max.) @ VGS=-10V
RDS(ON)=35mΩ(Max.) @ VGS=-4.5V
MOSFET Maximum Ratings (Ta=25
℃ Unless otherwise noted)
FLP-8
0.20+0.1/-0.05
P
T
1.27
U
0.1 MAX
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
G
H
B1 B2
1
4
5
8
A
P
D
L
T
U
Note1) Surface Mounted on 1
″×1″FR4 Board, t≤10sec.
1
2
3
4
8
7
6
5
S
S
S
G
D
D
D
D
1
2
3
4
8
7
6
5
KMB8D0P
30QA
PIN CONNECTION (TOP VIEW)
CHARACTERISTIC
SYMBOL RATING
UNIT
Drain to Source Voltage
VDSS
30
V
Gate to Source Voltage
VGSS
±20
V
Drain Current
DC@Ta=25
℃ (Note 1)
ID
-8
A
Pulsed
IDP
-40
A
Drain Power Dissipation
@Ta=25
(Note 1)
PD
2.5
W
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
Thermal Resistance, Junction to Ambient
(Note 1)
RthJA
50
℃/W


유사한 부품 번호 - KMB8D0P30QA_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB8D0P30QA KEC-KMB8D0P30QA Datasheet
59Kb / 4P
   P-Ch Trench MOSFET
More results

유사한 설명 - KMB8D0P30QA_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
KMA2D3P20S KEC-KMA2D3P20S Datasheet
474Kb / 5P
   P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA Datasheet
54Kb / 4P
   P-Ch Trench MOSFET
KML0D4P20E KEC-KML0D4P20E Datasheet
791Kb / 4P
   P-Ch Trench MOSFET
KMA4D5P20X KEC-KMA4D5P20X Datasheet
423Kb / 5P
   P-CH Trench MOSFET
KMA3D7P20SA KEC-KMA3D7P20SA Datasheet
81Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA_15 Datasheet
848Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA Datasheet
471Kb / 5P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA Datasheet
464Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com