전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC62D722CFNG 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC62D722CFNG
상세설명  16-Output constant current LED driver with the output gain control function and the PWM grayscale function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D722CFNG 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TC62D722CFNG Datasheet HTML 2Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 3Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 4Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 5Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 6Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 7Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 8Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 9Page - Toshiba Semiconductor TC62D722CFNG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TC62D722CFG/CFNG
2011-09-24
6
2. About the operation of each command
2-1-1) S0 command (The PWM data is transmitted to the PWM data register 1.)
Operation) In the number of SCK pulses at TRANS="H" is 0 or 1, the following operation is executed.
The PWM data in the 16-bit shift register is transmitted to the PWM data register 1.
It is necessary to repeat this command 16 times to input the PWM data of
0
OUT
to
15
OUT
.
The order of the PWM data transfer is the following.
15
OUT
14
OUT
13
OUT
12
OUT
11
OUT →
10
OUT
9
OUT →
8
OUT
7
OUT →
6
OUT →
5
OUT →
4
OUT →
3
OUT →
2
OUT →
1
OUT →
0
OUT
Basic input pattern of S0 command)
SCK
TRANS
SIN
SOUT
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Repetition pattern
(The PWM data of OUT15
~ OUT0 is input by repeating this pattern 16 times. )
D14 D13 D12
D15
Command execution
Previous Data
1
The period of TRANS="H" does not
receive the data input from SIN.
SOUT is operation at the time of S6 command N0=0 conditions.


유사한 부품 번호 - TC62D722CFNG

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver
TC62D722CFG MARKTECH-TC62D722CFG_15 Datasheet
771Kb / 43P
   16-Output constant current LED driver
More results

유사한 설명 - TC62D722CFNG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC62D723FG TOSHIBA-TC62D723FG Datasheet
715Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FNAG TOSHIBA-TC62D723FNAG Datasheet
787Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Shindengen Electric Mfg...
MTD2005 SHINDENGEN-MTD2005_17 Datasheet
246Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_17 Datasheet
272Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003F SHINDENGEN-MTD2003F_10 Datasheet
236Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2002F SHINDENGEN-MTD2002F Datasheet
240Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005 SHINDENGEN-MTD2005_10 Datasheet
226Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2007F SHINDENGEN-MTD2007F Datasheet
331Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003F SHINDENGEN-MTD2003F_17 Datasheet
256Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com