전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF530NLPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF530NLPBF
상세설명  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF530NLPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF530NLPBF Datasheet HTML 1Page - International Rectifier IRF530NLPBF Datasheet HTML 2Page - International Rectifier IRF530NLPBF Datasheet HTML 3Page - International Rectifier IRF530NLPBF Datasheet HTML 4Page - International Rectifier IRF530NLPBF Datasheet HTML 5Page - International Rectifier IRF530NLPBF Datasheet HTML 6Page - International Rectifier IRF530NLPBF Datasheet HTML 7Page - International Rectifier IRF530NLPBF Datasheet HTML 8Page - International Rectifier IRF530NLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF530NS/LPbF
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 9.0A, VGS = 0V
„
trr
Reverse Recovery Time
–––
93
140
ns
TJ = 25°C, IF = 9.0A
Qrr
Reverse Recovery Charge
–––
320 480
nC
di/dt = 100A/µs
„‡
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
17
60
A
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
‚ Starting TJ = 25°C, L = 2.3mH
RG = 25Ω, IAS = 9.0A, VGS=10V (See Figure 12)
ƒ ISD ≤ 9.0A, di/dt ≤ 410A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
‡ Uses IRF530N data and test conditions.
**When mounted on 1" square PCB (FR-4 or G-10 Material). For
recommended footprint and soldering techniques refer to
application note #AN-994
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.11 –––
V/°C Reference to 25°C, ID = 1mA
‡
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
90
m
VGS = 10V, ID = 9.0A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
12
–––
–––
S
VDS = 50V, ID = 9.0A
„‡
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
37
ID = 9.0A
Qgs
Gate-to-Source Charge
–––
–––
7.2
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
11
VGS = 10V, See Fig. 6 and 13
‡
td(on)
Turn-On Delay Time
–––
9.2
–––
VDD = 50V
tr
Rise Time
–––
22
–––
ID = 9.0A
td(off)
Turn-Off Delay Time
–––
35
–––
RG = 12Ω
tf
Fall Time
–––
25
–––
VGS = 10V, See Fig. 10
„‡
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
920
–––
VGS = 0V
Coss
Output Capacitance
–––
130
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
19
–––
pF
ƒ = 1.0MHz, See Fig. 5
‡
EAS
Single Pulse Avalanche Energy
‚‡
––– 340
… 93†
mJ
IAS = 9.0A, L = 2.3mH
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current


유사한 부품 번호 - IRF530NLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF530NLPBF IRF-IRF530NLPBF Datasheet
275Kb / 10P
   HEXFET Power MOSFET
IRF530NLPBF IRF-IRF530NLPBF Datasheet
876Kb / 4P
   Advanced Process Technology
More results

유사한 설명 - IRF530NLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com