전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTB778 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KTB778
상세설명  TRIPLE DIFFUSED PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB778 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KTB778_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB778_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2009. 10. 7
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTB778
TRIPLE DIFFUSED PNP TRANSISTOR
Revision No : 2
HIGH POWER AMPLIFIER APPLICATION.
FEATURES
・Complementary to KTD998.
・Recommended for 45~50W Audio Frequency
Amplifier Output Stage.
MAXIMUM RATING (Ta=25℃)
DIM MILLIMETERS
A
1. BASE
2. COLLECTOR
3. EMITTER
16.30 MAX
4.00
2.00
2.20 MAX
3.05 MAX
TO-3P(H)IS
A
N
M
D
O O
H
12.00 0.30
5.50 0.20
1.20 MAX
8.00
5.00
17.00 0.30
0.60+0.15/-0.10
20.0 0.1
5.45
3.50
1.00
3.00 0.20
37.0
42.0
K
R
C
1 2 3
U
W
V
W
I
B
C
D
E
F
G
H
J
K
L
M
N
O
P
Q
R
S
2.50
I
T
U
Φ3.40+0.15/-0.10
V
10
W
8
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : hFE Classification R:55~110, O:80~160
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-120V, IE=0
-
-
-10
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-10
μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-50mA, IB=0
-120
-
-
V
DC Current Gain
hFE (Note)
VCE=-5V, IC=-1A
55
-
160
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-5A, IB=-0.5A
-
-
-2.5
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-5A
-
-
-1.5
V
Transition Frequency
fT
VCE=-5V, IC=-1A
-
10
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
280
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-10
A
Pulse
ICP
-15
Base Current
IB
-1
A
Collector Power Dissipation (Tc=25℃)
PC
80
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150


유사한 부품 번호 - KTB778_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTB778 KEC-KTB778 Datasheet
282Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
logo
Inchange Semiconductor ...
KTB778 ISC-KTB778 Datasheet
158Kb / 2P
   isc Silicon PNP Power Transistor
More results

유사한 설명 - KTB778_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36C KEC-TIP36C_15 Datasheet
306Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36CA KEC-TIP36CA_15 Datasheet
445Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com