전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6217PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF6217PBF
상세설명  Reset Switch for Active Clamp Reset DC to DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6217PBF 데이터시트(HTML) 6 Page - International Rectifier

  IRF6217PBF_15 Datasheet HTML 1Page - International Rectifier IRF6217PBF_15 Datasheet HTML 2Page - International Rectifier IRF6217PBF_15 Datasheet HTML 3Page - International Rectifier IRF6217PBF_15 Datasheet HTML 4Page - International Rectifier IRF6217PBF_15 Datasheet HTML 5Page - International Rectifier IRF6217PBF_15 Datasheet HTML 6Page - International Rectifier IRF6217PBF_15 Datasheet HTML 7Page - International Rectifier IRF6217PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF6217PbF
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
5
10
15
20
25
30
35
Starting Tj, Junction Temperature
( C)
°
I D
TOP
BOTTOM
-0.6A
-1.1A
-1.4A
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
-VGS, Gate -to -Source Voltage (V)
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
ID = -0.7A
VGS = -10V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-ID , Drain Current (A)
1.80
1.82
1.84
1.86
1.88
1.90
1.92
1.94
1.80
1.82
1.84
1.86
1.88
1.90
1.92
1.94
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-VGS
QG
QGS
QGD
VG
Charge
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
tp
V(BR)DSS
I AS


유사한 부품 번호 - IRF6217PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6217PBF-1 IRF-IRF6217PBF-1 Datasheet
200Kb / 8P
   Industry-standard pinout SO-8 Package
IRF6217PBF-1 IRF-IRF6217PBF-1_15 Datasheet
200Kb / 8P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF6217PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218PBF IRF-IRF6218PBF_15 Datasheet
142Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6216PBF IRF-IRF6216PBF_15 Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6217 IRF-IRF6217 Datasheet
105Kb / 8P
   HEXFET Power MOSFET(Reset Switch for Active Clamp Reset DC to DC converters)
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
List of Unclassifed Man...
BH6557FV ETC-BH6557FV Datasheet
249Kb / 2P
   DC/DC ConverterReset
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com