전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6710S2TR1PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRF6710S2TR1PBF
상세설명  RoHS Compliant Containing No Lead and Halogen Free
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6710S2TR1PBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRF6710S2TR1PBF Datasheet HTML 2Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 3Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 4Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 5Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 6Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 7Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 8Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 9Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF6710S2TR/TR1PbF
www.irf.com
7
Fig 18a. Gate Charge Test Circuit
Fig 18b. Gate Charge Waveform
Fig 19b. Unclamped Inductive Waveforms
Fig 19a. Unclamped Inductive Test Circuit
Fig 20b. Switching Time Waveforms
Fig 20a. Switching Time Test Circuit
1K
VCC
DUT
0
L
S
20K
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
tp
V(BR)DSS
IAS
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
VGS
VDS
VGS
90%
10%
td(off)
td(on)
tf
tr


유사한 부품 번호 - IRF6710S2TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6710S2TR1PBF IRF-IRF6710S2TR1PBF Datasheet
307Kb / 10P
   DirectFET Power MOSFET
More results

유사한 설명 - IRF6710S2TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6728MPBF IRF-IRF6728MPBF_15 Datasheet
253Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6708S2TRPBF IRF-IRF6708S2TRPBF Datasheet
309Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6795MPBF IRF-IRF6795MPBF_15 Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRFH9310PBF IRF-IRFH9310PBF_15 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
IRLTS6342PBF IRF-IRLTS6342PBF_15 Datasheet
258Kb / 8P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
logo
Infineon Technologies A...
IRFH9310 INFINEON-IRFH9310 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
2014-08-26
logo
International Rectifier
IRLML6346PBF IRF-IRLML6346PBF_15 Datasheet
218Kb / 10P
   RoHS compliant containing no lead, no bromide and no halogen
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com