전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6714MPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF6714MPBF
상세설명  Dual Sided Cooling Compatible
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6714MPBF 데이터시트(HTML) 9 Page - International Rectifier

  IRF6714MPBF_15 Datasheet HTML 1Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 2Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 3Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 4Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 5Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 6Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 7Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 8Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF6714MPbF
www.irf.com
9
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/2009
DirectFET™ Tape & Reel Dimension (Showing component orientation).
LOADED TAPE FEED DIRECTION
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
DIMENSIONS
METRIC
IMPERIAL
STANDARD OPTION (QTY 4800)
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
IMPERIAL
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6714MTRPBF). For 1000 parts on 7"
reel, order IRF6714MTR1PBF


유사한 부품 번호 - IRF6714MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6714MPBF IRF-IRF6714MPBF_09 Datasheet
261Kb / 9P
   DirectFETPower MOSFET
More results

유사한 설명 - IRF6714MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
IRF8308MPBF IRF-IRF8308MPBF_15 Datasheet
271Kb / 10P
   Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
   Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
   Dual Sided Cooling Compatible
logo
Infineon Technologies A...
V61-14.80M INFINEON-V61-14.80M Datasheet
146Kb / 2P
   Easy mounting for single sided cooling
2012-06-05 Revision: 3.0
V50-14.45M INFINEON-V50-14.45M Datasheet
218Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V72-14.150M INFINEON-V72-14.150M Datasheet
128Kb / 2P
   Easy mounting for single sided cooling
2012-05-05 Revision: 3.0
V50-14.45N INFINEON-V50-14.45N Datasheet
266Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V61-14.80N INFINEON-V61-14.80N Datasheet
132Kb / 2P
   Easy mounting for single sided cooling
2014-05-05 Revision: 3.0
V72-26.80M INFINEON-V72-26.80M Datasheet
195Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com