전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6723M2DTRPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF6723M2DTRPBF
상세설명  Replaces Two Discrete MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6723M2DTRPBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF6723M2DTRPBF Datasheet HTML 2Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 3Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 4Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 5Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 6Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 7Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 8Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 9Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF6723M2DTR/TR1PbF
www.irf.com
9
DirectFET
™ Part Marking
DirectFET™ Outline Dimension, MA Outline (Medium Size Can).
Please see AN-1035 for DirectFET assembly details and stencil and substrate design recommendations
CODE
A
B
C
D
E
F
G
H
J
K
L
M
R
P
S
MIN
0.246
0.189
0.152
0.014
0.023
0.019
0.043
0.019
0.015
0.055
0.114
0.0235
0.0008
0.003
0.006
MAX
6.35
5.05
3.95
0.45
0.62
0.52
1.12
0.52
0.42
1.50
3.00
0.676
0.080
0.17
0.195
MIN
6.25
4.80
3.85
0.35
0.58
0.48
1.08
0.48
0.38
1.40
2.90
0.616
0.020
0.08
0.155
MAX
0.250
0.199
0.156
0.018
0.024
0.020
0.044
0.020
0.017
0.059
0.118
0.0274
0.0031
0.007
0.008
METRIC
IMPERIAL
DIMENSIONS
LOGO
GATE MARKING
BATCH NUMBER
PART NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"


유사한 부품 번호 - IRF6723M2DTRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6723M2DTRPBF IRF-IRF6723M2DTRPBF Datasheet
271Kb / 10P
   Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters
More results

유사한 설명 - IRF6723M2DTRPBF

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HIP6601BCB-T INTERSIL-HIP6601BCB-T Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
HIP6004ECB-T INTERSIL-HIP6004ECB-T Datasheet
507Kb / 13P
   Drives two N-Channel MOSFETs
logo
List of Unclassifed Man...
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
logo
Hamamatsu Corporation
S1880 HAMAMATSU-S1880 Datasheet
136Kb / 4P
   Two-dimensional PSD Non-discrete position sensor utilizing photodiode surface resistance
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
   Two discrete 1 form A Relays in compact 8 pin DIP package
logo
Aries Electronics, Inc.
18075 ARIES-18075 Datasheet
571Kb / 1P
   Replaces MAX691 with MAX807
16-304235-10 ARIES-16-304235-10 Datasheet
476Kb / 1P
   Replaces MAX691 with MAX807
logo
Sirectifier Global Corp...
SG12N06P SIRECT-SG12N06P Datasheet
202Kb / 2P
   Discrete IGBTs
SG23N06T SIRECT-SG23N06T Datasheet
112Kb / 2P
   Discrete IGBTs
SG50N06T SIRECT-SG50N06T Datasheet
112Kb / 2P
   Discrete IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com