전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7103PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7103PBF
상세설명  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7103PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7103PBF Datasheet HTML 1Page - International Rectifier IRF7103PBF Datasheet HTML 2Page - International Rectifier IRF7103PBF Datasheet HTML 3Page - International Rectifier IRF7103PBF Datasheet HTML 4Page - International Rectifier IRF7103PBF Datasheet HTML 5Page - International Rectifier IRF7103PBF Datasheet HTML 6Page - International Rectifier IRF7103PBF Datasheet HTML 7Page - International Rectifier IRF7103PBF Datasheet HTML 8Page - International Rectifier IRF7103PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD -95037B
l
Adavanced Process Technology
l
Ultra Low On-Resistance
l
Dual N-Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
l
Lead-Free
Description
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
dual-die capability making it ideal in a variety of power
applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7103PbF
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
VDSS = 50V
RDS(on) = 0.130Ω
ID = 3.0A
02/09/10
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
62.5
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
3.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
2.3
IDM
Pulsed Drain Current 
10
PD @TA = 25°C
Power Dissipation
2.0
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
4.5
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
Absolute Maximum Ratings
A
Thermal Resistance Ratings
W
°C
SO-8


유사한 부품 번호 - IRF7103PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7103PBF IRF-IRF7103PBF Datasheet
273Kb / 9P
   HEXFET Power MOSFET
IRF7103PBF-1 IRF-IRF7103PBF-1 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF7103PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com