전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7204PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7204PBF
상세설명  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7204PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7204PBF_15 Datasheet HTML 1Page - International Rectifier IRF7204PBF_15 Datasheet HTML 2Page - International Rectifier IRF7204PBF_15 Datasheet HTML 3Page - International Rectifier IRF7204PBF_15 Datasheet HTML 4Page - International Rectifier IRF7204PBF_15 Datasheet HTML 5Page - International Rectifier IRF7204PBF_15 Datasheet HTML 6Page - International Rectifier IRF7204PBF_15 Datasheet HTML 7Page - International Rectifier IRF7204PBF_15 Datasheet HTML 8Page - International Rectifier IRF7204PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7204PbF
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20 ––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.022 –––
V/°C Reference to 25°C, ID = -1mA
––– ––– 0.060
VGS = -10V, ID = -5.3A ƒ
––– ––– 0.10
VGS = -4.5V, ID = -2.0A ƒ
VGS(th)
Gate Threshold Voltage
-1.0 ––– -2.5
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
––– 7.9 –––
S
VDS = -15V, ID = -5.3A ƒ
––– ––– -25
VDS = -16V, VGS = 0V
––– ––– -250
VDS = -16V, VGS = 0V, TJ = 125 °C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 12V
Qg
Total Gate Charge
–––
25
–––
ID = -5.3A
Qgs
Gate-to-Source Charge
––– 5.0 –––
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
––– 8.0 –––
VGS = -10V ƒ
td(on)
Turn-On Delay Time
–––
14
30
VDD = -10V
tr
Rise Time
–––
26
60
ID = -1.0A
td(off)
Turn-Off Delay Time
––– 100 150
RG = 6.0Ω
tf
Fall Time
–––
68
100
RD = 10Ω ƒ
Between lead,6mm(0.25in.)
from package and center
of die contact
Ciss
Input Capacitance
––– 860 –––
VGS = 0V
Coss
Output Capacitance
––– 750 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
––– 230 –––
ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2V
TJ = 25°C, IS = -1.25A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
85
100
ns
TJ = 25°C, IF = -2.4A
Qrr
Reverse RecoveryCharge
–––
77
120
nC
di/dt = 100A/µs ƒ
ton
Forward Turn-On Time
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
––– –––
-15
––– ––– -2.5
A
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
––– 4.0
–––
LD
Internal Drain Inductance
––– 2.5
–––
nH
ns
nA
µA
RDS(ON)
Static Drain-to-Source On-Resistance
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ ISD ≤ -5.3A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 10sec.
S
D
G
S
D
G


유사한 부품 번호 - IRF7204PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7204PBF IRF-IRF7204PBF Datasheet
243Kb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRF7204PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com