전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7321D2PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7321D2PBF
상세설명  Ideal For Buck Regulator Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7321D2PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7321D2PBF_15 Datasheet HTML 1Page - International Rectifier IRF7321D2PBF_15 Datasheet HTML 2Page - International Rectifier IRF7321D2PBF_15 Datasheet HTML 3Page - International Rectifier IRF7321D2PBF_15 Datasheet HTML 4Page - International Rectifier IRF7321D2PBF_15 Datasheet HTML 5Page - International Rectifier IRF7321D2PBF_15 Datasheet HTML 6Page - International Rectifier IRF7321D2PBF_15 Datasheet HTML 7Page - International Rectifier IRF7321D2PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Maximum
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-4.7
A
ID @ TA = 70°C
-3.8
IDM
Pulsed Drain Current
À
-38
PD @TA = 25°C
Power Dissipation
2.0
W
PD @TA = 70°C
1.3
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
Á
-5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to +150
°C
l Co-packaged HEXFET
® Power
MOSFET and Schottky Diode
l Ideal For Buck Regulator Applications
l P-Channel HEXFET
®
l Low VF Schottky Rectifier
l Generation 5 Technology
l SO-8 Footprint
l Lead-Free
IRF7321D2PbF
10/12/04
FETKY MOSFET & Schottky Diode
Absolute Maximum Ratings ( TA = 25°C Unless Otherwise Noted)
TM
Description
SO-8
VDSS = -30V
RDS(on) = 0.062Ω
Schottky Vf = 0.52V
The FETKYTM family of Co-packaged HEXFETs and
Schottky diodes offer the designer an innovative board
space saving solution for switching regulator and
power management applications.
Generation 5
HEXFETs utilize advanced processing techniques to
achieve extremely low on-resistance per silicon area.
Combinining this technology with International
Rectifier's low forward drop Schottky rectifiers results in
an extremely efficient device suitable for use in a wide
variety of portable electronics applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics. The
SO-8 package is designed for vapor phase, infrared or
wave soldering techniques.
Top View
8
1
2
3
4
5
6
7
A
A
S
G
D
D
K
K
Parameter
Maximum
Units
RθJA
Junction-to-Ambient
Ã
62.5
°C/W
Thermal Resistance Ratings
Notes:
 Repetitive rating – pulse width limited by max. junction temperature (see fig. 11)
‚ ISD ≤ -2.9A, di/dt ≤ -77A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
ƒ Pulse width ≤ 300µs – duty cycle ≤ 2%
„ Surface mounted on FR-4 board, t ≤ 10sec.
www.irf.com
PD - 95297


유사한 부품 번호 - IRF7321D2PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
More results

유사한 설명 - IRF7321D2PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
IRF5803D2PBF IRF-IRF5803D2PBF_15 Datasheet
148Kb / 11P
   Ideal For Buck Regulator Applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
Littelfuse
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com