전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1241 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KTA1241
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1241 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KTA1241_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1241_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1994. 3. 23
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1241
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
STROBO FLASH APPLICATION.
HIGH CURRENT APPLICATION.
FEATURES
hFE=100 320 (VCE=-2V, IC=-0.5A).
hFE=70(Min.) (VCE=-2V, IC=-4A).
Low Collector Saturation Voltage.
: VCE(sat)=-0.5V (IC=-3A, IB=-75mA).
High Power Dissipation : PC=1W.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE Classification O:100 200, Y:160 320
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-8
V
Collector Current
IC
-5
A
Base Current
IB
-0.5
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-8V, IC=0
-
-
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-20
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-1mA, IC=0
-8
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=-2V, IC=-0.5A
100
-
320
hFE(2)
VCE=-2V, IC=-4A
70
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-3A, IB=-75mA
-
-
-0.5
V
Base-Emitter Voltage
VBE
VCE=-2V, IC=-4A
-
-
-1.5
V
Transition Frequency
fT
VCE=-2V, IC=-0.5A
-
170
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
62
-
pF


유사한 부품 번호 - KTA1241_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1241 KEC-KTA1241 Datasheet
347Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (STROBO FLASH, HIGH CURRENT)
logo
Jiangsu Changjiang Elec...
KTA1241 JIANGSU-KTA1241 Datasheet
3Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
More results

유사한 설명 - KTA1241_15

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com