전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1862D 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KTA1862D
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1862D 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KTA1862D_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1862D_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1862D_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2003. 3. 27
3/3
KTA1862D/L
Revision No : 4
-0.001
COLLECTOR CURRENT I
(A)
C
V
, V
- I
CE(sat)
-0.01
-0.1
-1
-3
-0.01
Ta=25 C
I /I =5
C
-0.03
-0.1
-0.3
-1
-3
-10
BE(sat)
V
CE(sat)
V
B
BE(sat)
C
f
- I
E
EMITTER CURRENT I
(A)
0.001
0.03
0.01
0.03
100
1
10
TE
0.1
0.3
1
3
5
30
50
V
=-10V
Ta=25 C
CE
C
- V
, C
- V
CB
COLLECTOR TO BASE VOLTAGE V
(V)
-0.1
-0.3
-1
-3
1K
10
100
ob
CB
-10
-30
-100
30
50
300
500
I =0A
f=1MHz
Ta=25 C
E
EMITTER TO BASE VOLTAGE V
(V)
EB
ib
EB
0.1
-1
-3
-0.3
-0.1
COLLECTOR CURRENT I
(A)
C
Switching time
-10
0.3
0.5
1
3
5
10
I =5I
=-5I
C
-0.5
-5
Ta=25 C
B1
B2
t stg
f
t
on
t
Cib
Cob


유사한 부품 번호 - KTA1862D_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D Datasheet
409Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
More results

유사한 설명 - KTA1862D_15

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com