전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA5063ZSQ 데이터시트(PDF) 10 Page - RF Micro Devices

부품명 STA5063ZSQ
상세설명  3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

STA5063ZSQ 데이터시트(HTML) 10 Page - RF Micro Devices

Back Button STA5063ZSQ Datasheet HTML 2Page - RF Micro Devices STA5063ZSQ Datasheet HTML 3Page - RF Micro Devices STA5063ZSQ Datasheet HTML 4Page - RF Micro Devices STA5063ZSQ Datasheet HTML 5Page - RF Micro Devices STA5063ZSQ Datasheet HTML 6Page - RF Micro Devices STA5063ZSQ Datasheet HTML 7Page - RF Micro Devices STA5063ZSQ Datasheet HTML 8Page - RF Micro Devices STA5063ZSQ Datasheet HTML 9Page - RF Micro Devices STA5063ZSQ Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 10
DS110205
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
STA-5063Z
Ordering Information
Ordering Code
Description
STA5063ZSQ
Standard 25 piece bag
STA5063ZSR
Standard 100 piece bag
STA5063Z
Standard 3000 piece reel
STA5063ZPCK-EVB1
Evaluation Board 3.3GHz to 3.8GHz Tune
STA5063ZPCK-EVB2
Evaluation Board 4.9GHz to 5.9GHz Tune


유사한 부품 번호 - STA5063ZSQ

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
logo
Sanken electric
STA506A SANKEN-STA506A Datasheet
23Kb / 1P
   N-channel General purpose
logo
STMicroelectronics
STA506A STMICROELECTRONICS-STA506A Datasheet
642Kb / 14P
   45V 4A QUAD POWER HALF BRIDGE
STA506A STMICROELECTRONICS-STA506A_04 Datasheet
642Kb / 14P
   45V 4A QUAD POWER HALF BRIDGE
More results

유사한 설명 - STA5063ZSQ

제조업체부품명데이터시트상세설명
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
   3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com