전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7379PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRF7379PBF
상세설명  Generation V Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7379PBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRF7379PBF Datasheet HTML 2Page - International Rectifier IRF7379PBF Datasheet HTML 3Page - International Rectifier IRF7379PBF Datasheet HTML 4Page - International Rectifier IRF7379PBF Datasheet HTML 5Page - International Rectifier IRF7379PBF Datasheet HTML 6Page - International Rectifier IRF7379PBF Datasheet HTML 7Page - International Rectifier IRF7379PBF Datasheet HTML 8Page - International Rectifier IRF7379PBF Datasheet HTML 9Page - International Rectifier IRF7379PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF7379PbF
www.irf.com
7
Fig 15. Normalized On-Resistance
Vs. Temperature
Fig 16. Typical On-Resistance Vs. Drain
Current
Fig 17. Typical On-Resistance Vs. Gate
Voltage
P-Channel
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
V
= -10V
GS
I = -3.0A
D
0
2
4
6
8
10
12
14
0.00
0.10
0.20
0.30
0.40
0.50
-I , Drain Current (A)
D
VGS = -4.5V
VGS = -10V
0
4
8
12
16
0.06
0.08
0.10
0.12
0.14
0.16
-V
, Gate-to-Source Voltage (V)
GS
ID = -4.3A


유사한 부품 번호 - IRF7379PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7379PBF IRF-IRF7379PBF Datasheet
219Kb / 10P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRF7379PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com