전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7410PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7410PBF
상세설명  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7410PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7410PBF Datasheet HTML 1Page - International Rectifier IRF7410PBF Datasheet HTML 2Page - International Rectifier IRF7410PBF Datasheet HTML 3Page - International Rectifier IRF7410PBF Datasheet HTML 4Page - International Rectifier IRF7410PBF Datasheet HTML 5Page - International Rectifier IRF7410PBF Datasheet HTML 6Page - International Rectifier IRF7410PBF Datasheet HTML 7Page - International Rectifier IRF7410PBF Datasheet HTML 8Page - International Rectifier IRF7410PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7410PbF
2
www.irf.com
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
ƒ Surface mounted on 1 in square Cu board, t ≤ 10sec.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.006
–––
V/°C
–––
–––
7
–––
–––
9
–––
–––
13
VGS(th)
Gate Threshold Voltage
-0.4
–––
-0.9
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-3.09
–––
mV/°C
gfs
Forward Transconductance
55
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-25
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
Qg
Total Gate Charge
–––
91
Qgs
Gate-to-Source Charge
–––
18
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
25
td(on)
Turn-On Delay Time
–––
13
20
tr
Rise Time
–––
12
18
td(off)
Turn-Off Delay Time
–––
271
407
tf
Fall Time
–––
200
300
Ciss
Input Capacitance
–––
8676
–––
Coss
Output Capacitance
–––
2344
–––
Crss
Reverse Transfer Capacitance
–––
1604
–––
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
97
145
ns
TJ = 25°C
IF = -2.5A
Qrr
Reverse Recovery Charge
–––
134
201
µC di/dt = -100A/µs d
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
–––
–––
-2.5
-65
ns
pF
A
VGS = -2.5V, ID = -13.6A d
VGS = -1.8V, ID = -11.5A d
VDS = VGS, ID = -250µA
m
µA
nA
nC
VDS = -10V, ID = -16A
ID = -16A
VGS = -8V
VGS = 8V
MOSFET symbol
showing the
VDS =-9.6V
Conditions
RG = 6Ω d
VGS = 0V
VDS = -10V
ƒ = 1.0 MHz
TJ = 25°C, IS = -2.5A, VGS = 0V d
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -4.5V, ID = -16A d
VDS = -9.6V, VGS = 0V
VDS = -9.6V, VGS = 0V, TJ = 70°C
ID =-1.0A
RD = 6Ω
VGS = -4.5V d
VDD = -6V VGS = -4.5V


유사한 부품 번호 - IRF7410PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7410PBF IRF-IRF7410PBF Datasheet
153Kb / 9P
   HEXFET짰Power MOSFET
IRF7410PBF-1 IRF-IRF7410PBF-1 Datasheet
200Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7410PBF-1 IRF-IRF7410PBF-1_15 Datasheet
200Kb / 10P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF7410PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com