전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7425PBF-1 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7425PBF-1
상세설명  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7425PBF-1 데이터시트(HTML) 6 Page - International Rectifier

  IRF7425PBF-1 Datasheet HTML 1Page - International Rectifier IRF7425PBF-1 Datasheet HTML 2Page - International Rectifier IRF7425PBF-1 Datasheet HTML 3Page - International Rectifier IRF7425PBF-1 Datasheet HTML 4Page - International Rectifier IRF7425PBF-1 Datasheet HTML 5Page - International Rectifier IRF7425PBF-1 Datasheet HTML 6Page - International Rectifier IRF7425PBF-1 Datasheet HTML 7Page - International Rectifier IRF7425PBF-1 Datasheet HTML 8Page - International Rectifier IRF7425PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7425PbF-1
6
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 20, 2013
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
1.0
2.0
3.0
4.0
5.0
-VGS, Gate -to -Source Voltage (V)
0.005
0.010
0.015
ID = -15A
0
10203040
5060
-ID , Drain Current (A)
0.005
0.006
0.007
0.008
0.009
0.010
VGS = -2.5V
VGS = -4.5V


유사한 부품 번호 - IRF7425PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7425PBF IRF-IRF7425PBF Datasheet
152Kb / 9P
   HEXFET Power MOSFET
IRF7425PBF IRF-IRF7425PBF Datasheet
157Kb / 9P
   Ultra Low On-Resistance
IRF7425PBF IRF-IRF7425PBF Datasheet
198Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7425PBF IRF-IRF7425PBF_15 Datasheet
198Kb / 9P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF7425PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com