전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7815PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7815PBF
상세설명  Synchronous MOSFET for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7815PBF 데이터시트(HTML) 6 Page - International Rectifier

  IRF7815PBF_15 Datasheet HTML 1Page - International Rectifier IRF7815PBF_15 Datasheet HTML 2Page - International Rectifier IRF7815PBF_15 Datasheet HTML 3Page - International Rectifier IRF7815PBF_15 Datasheet HTML 4Page - International Rectifier IRF7815PBF_15 Datasheet HTML 5Page - International Rectifier IRF7815PBF_15 Datasheet HTML 6Page - International Rectifier IRF7815PBF_15 Datasheet HTML 7Page - International Rectifier IRF7815PBF_15 Datasheet HTML 8Page - International Rectifier IRF7815PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7815PbF
6
www.irf.com
Fig 13c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12. On-Resistance Vs. Gate Voltage
Fig 15b. Switching Time Waveforms
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 15a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
500
1000
1500
2000
2500
ID
TOP
0.30A
0.44A
BOTTOM 3.1A
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
20
30
40
50
60
70
80
90
100
ID = 5.1A
TJ = 25°C
TJ = 125°C


유사한 부품 번호 - IRF7815PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7815PBF IRF-IRF7815PBF Datasheet
266Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

유사한 설명 - IRF7815PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com