전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7821PBF-1 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7821PBF-1
상세설명  Industry-standard pinout SO-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7821PBF-1 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRF7821PBF-1 Datasheet HTML 2Page - International Rectifier IRF7821PBF-1 Datasheet HTML 3Page - International Rectifier IRF7821PBF-1 Datasheet HTML 4Page - International Rectifier IRF7821PBF-1 Datasheet HTML 5Page - International Rectifier IRF7821PBF-1 Datasheet HTML 6Page - International Rectifier IRF7821PBF-1 Datasheet HTML 7Page - International Rectifier IRF7821PBF-1 Datasheet HTML 8Page - International Rectifier IRF7821PBF-1 Datasheet HTML 9Page - International Rectifier IRF7821PBF-1 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7821PbF-1
6
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013
Fig 13b. Unclamped Inductive Waveforms
Fig 13a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 13c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
20
40
60
80
100
I D
TOP
4.5A
8.0A
BOTTOM 10A
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
f
t
r
V
GS
Pulse Width < 1μs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
Fig 12. On-Resistance Vs. Gate Voltage
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
0
5
10
15
20
25
30
TJ = 25°C
TJ = 125°C
ID = 13A


유사한 부품 번호 - IRF7821PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF7821PBF IRF-IRF7821PBF_15 Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
More results

유사한 설명 - IRF7821PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com