전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7853PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7853PBF
상세설명  Secondary Side Synchronous Rectification Switch for 15Vout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7853PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7853PBF_15 Datasheet HTML 1Page - International Rectifier IRF7853PBF_15 Datasheet HTML 2Page - International Rectifier IRF7853PBF_15 Datasheet HTML 3Page - International Rectifier IRF7853PBF_15 Datasheet HTML 4Page - International Rectifier IRF7853PBF_15 Datasheet HTML 5Page - International Rectifier IRF7853PBF_15 Datasheet HTML 6Page - International Rectifier IRF7853PBF_15 Datasheet HTML 7Page - International Rectifier IRF7853PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7853PbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
14.4
18
m
VGS(th)
Gate Threshold Voltage
3.0
–––
4.9
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
11
–––
–––
S
Qg
Total Gate Charge
–––
28
39
Qgs
Gate-to-Source Charge
–––
7.8
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
10
–––
RG
Gate Resistance
–––
1.4
–––
td(on)
Turn-On Delay Time
–––
13
–––
tr
Rise Time
–––
6.6
–––
td(off)
Turn-Off Delay Time
–––
26
–––
ns
tf
Fall Time
–––
6.0
–––
Ciss
Input Capacitance
–––
1640
–––
Coss
Output Capacitance
–––
310
–––
Crss
Reverse Transfer Capacitance
–––
71
–––
pF
Coss
Output Capacitance
–––
1600
–––
Coss
Output Capacitance
–––
180
–––
Coss eff.
Effective Output Capacitance
–––
320
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.3
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
66
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
45
68
ns
Qrr
Reverse Recovery Charge
–––
84
130
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 20V
VGS = -20V
Max.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V
g
VGS = 10V
f
VDD = 50V
ID = 5.0A
RG = 6.2Ω
TJ = 25°C, IS = 5.0A, VGS = 0V f
TJ = 25°C, IF = 5.0A, VDD = 25V
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 8.3A
f
VDS = VGS, ID = 100µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 10V
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
610
5.0
Typ.
–––
–––
Conditions
VDS = 25V, ID = 5.0A
ID = 5.0A
VDS = 50V


유사한 부품 번호 - IRF7853PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7853PBF IRF-IRF7853PBF Datasheet
208Kb / 8P
   HEXFET Power MOSFET
IRF7853PBF IRF-IRF7853PBF Datasheet
214Kb / 8P
   Primary Side Switch in Bridge Topology
More results

유사한 설명 - IRF7853PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7854PBF IRF-IRF7854PBF_15 Datasheet
231Kb / 8P
   Secondary Side Synchronous Rectification Switch for 12Vout
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com