전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8301MPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF8301MPBF
상세설명  Ultra-low Package Inductance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8301MPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF8301MPBF Datasheet HTML 1Page - International Rectifier IRF8301MPBF Datasheet HTML 2Page - International Rectifier IRF8301MPBF Datasheet HTML 3Page - International Rectifier IRF8301MPBF Datasheet HTML 4Page - International Rectifier IRF8301MPBF Datasheet HTML 5Page - International Rectifier IRF8301MPBF Datasheet HTML 6Page - International Rectifier IRF8301MPBF Datasheet HTML 7Page - International Rectifier IRF8301MPBF Datasheet HTML 8Page - International Rectifier IRF8301MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DirectFET
™ Power MOSFET ‚
Description
The IRF8301MPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
very low on-state resistance in a package that has the footprint of an SO-8 or a PQFN 5x6mm and only 0.7mm profile. The DirectFET
package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or
convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The
DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by
80%.
The IRF8301MPbF balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and
switching losses. The reduced total losses and very high current carrying capability make this product ideal for power tools.
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical Total Gate Charge vs. Gate-to-Source Voltage
DirectFET
™ ISOMETRIC
MT
l Ultra-low R
DS(on)
l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra-low Package Inductance
l Optimized for high speed switching or high current
switch (Power Tool)
l Low Conduction and Switching Losses
l Compatible with existing Surface Mount Techniques

SQ
SX
ST
MQ
MX
MT
MP
0
102030405060
QG, Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
VDS= 24V
VDS= 15V
ID= 25A
VDSS
VGS
RDS(on)
RDS(on)
30V max ±20V max 1.3m
Ω@10V 1.9mΩ@ 4.5V
www.irf.com © 2013 International Rectifier
September 6, 2013
1
StrongIRFET
IRF8301MTRPbF
Absolute Maximum Ratings
Parameter
Units
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
25
Max.
27
192
250
±20
34
260
0
5
10
15
20
VGS, Gate -to -Source Voltage (V)
0
1
2
3
4
5
6
ID = 32A
TJ = 25°C
TJ = 125°C
Ordering Information
Orderable Part Number
Form
Quantity
IRF8301MPbF
DirectFET MT
Tape and Reel
4800
IRF8301MTRPbF
Base Part Number
Package Type
Standard Pack


유사한 부품 번호 - IRF8301MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8301MPBF IRF-IRF8301MPBF Datasheet
344Kb / 10P
   DirectFETPower MOSFET
More results

유사한 설명 - IRF8301MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
TDK Electronics
CLLE1AX7S0G225M-0.95 TDK-CLLE1AX7S0G225M-0.95 Datasheet
936Kb / 13P
   Ultra Low Inductance Capacitors
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
Cree, Inc
CAS325M12HM2 CREE-CAS325M12HM2 Datasheet
1Mb / 7P
   Ultra Low Loss, Low (5 nH) Inductance
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com