전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8308MPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF8308MPBF
상세설명  Dual Sided Cooling Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8308MPBF 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRF8308MPBF_15 Datasheet HTML 2Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 3Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 4Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 5Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 6Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 7Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 8Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 9Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF8308MPbF
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
Fig 15a. Gate Charge Test Circuit
Fig 15b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 16a. Unclamped Inductive Test Circuit
Fig 17b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
Fig 17a. Switching Time Test Circuit
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
1K
VCC
DUT
0
L
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
VGS


유사한 부품 번호 - IRF8308MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8308MPBF IRF-IRF8308MPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MPBF IRF-IRF8308MPBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
More results

유사한 설명 - IRF8308MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
   Dual Sided Cooling Compatible
IRF6714MPBF IRF-IRF6714MPBF_15 Datasheet
261Kb / 9P
   Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
   Dual Sided Cooling Compatible
logo
Infineon Technologies A...
V61-14.80M INFINEON-V61-14.80M Datasheet
146Kb / 2P
   Easy mounting for single sided cooling
2012-06-05 Revision: 3.0
V50-14.45M INFINEON-V50-14.45M Datasheet
218Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V72-14.150M INFINEON-V72-14.150M Datasheet
128Kb / 2P
   Easy mounting for single sided cooling
2012-05-05 Revision: 3.0
V50-14.45N INFINEON-V50-14.45N Datasheet
266Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V61-14.80N INFINEON-V61-14.80N Datasheet
132Kb / 2P
   Easy mounting for single sided cooling
2014-05-05 Revision: 3.0
V72-26.80M INFINEON-V72-26.80M Datasheet
195Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com