전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX101U_15 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX101U_15
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
GENERAL PURPOSE APPLICATION.
FEATURES
Including two devices in US6.
(Ultra Super mini type with 6 leads)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM
MILLIMETERS
A
B
D
G
US6
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
6
4
1.3 0.1
A1
5
+_
+_
+_
+_
+_
1. Q EMITTER
4. Q EMITTER
3. Q COLLECTOR
5. Q BASE
6. Q COLLECTOR
1
2
2. Q BASE
1
1
2
2
2008. 9. 23
1/5
SEMICONDUCTOR
TECHNICAL DATA
KTX101U
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
Revision No : 5
Q1 MAXIMUM RATING (Ta=25 )
1
Q1
Q2
23
65
4
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
Base Current
IB
30
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
200
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Q2 MAXIMUM RATING (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
Base Current
IB
-30
Q1 Q2 MAXIMUM RATING (Ta=25 )
B4
123
4
5
6
Lot No.
Type Name
MARKING
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Raing.




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl