전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTX102E 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KTX102E
상세설명  EPITAXIAL PLANAR PNP/NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX102E 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KTX102E_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTX102E_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTX102E_15 Datasheet HTML 3Page - KEC(Korea Electronics) KTX102E_15 Datasheet HTML 4Page - KEC(Korea Electronics) KTX102E_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2008. 9. 23
4/5
KTX102E
Revision No : 1
0
40
30
3
1
0.3
0.1
COLLECTOR CURRENT I (mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
Q (NPN TRANSISTOR)
CE
2
CE
C
I
- V
h
- I
V
- I
C
COLLECTOR CURRENT I (mA)
0.1
0.1
0.3
0
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
f
- I
C
COLLECTOR CURRENT I (mA)
0.1
3k
10
0.01
0.1
COLLECTOR CURRENT I (mA)
C
V
- I
12345
67
80
120
160
200
240
I =-0.2mA
B
COMMON EMITTER
Ta=25 C
FE
C
10
30
100
300
50
100
300
500
1k
CE(sat)
C
0.3
1
3
10
30
100
300
0.03
0.05
0.1
0.3
0.5
1
Ta=100
C
Ta=25 C
Ta=-25 C
COMMON EMITTER
I /I =10
C B
C
BE(sat)
0.3
1
10
30
100
300
3
0.3
0.5
1
3
5
10
COMMON EMITTER
I /I =10
Ta=25 C
C B
TC
0.3
1
3
10
30
100
300
30
50
100
300
500
1k
COMMON EMITTER
V =10V
Ta=25 C
CE
B
BE
0.2
0.4
0.6
0.8
1.0
1.2
1
3
10
30
100
300
1k
0.5
0
1.0
2.0
3.0
5.0
6.0
10
COMMON EMITTER
Ta=100 C
Ta=25 C
Ta=-25 C
V =6V
CE
CE
V =1V
3k
COMMON
EMITTER
V =6V
CE


유사한 부품 번호 - KTX102E_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTX102E KEC-KTX102E Datasheet
99Kb / 5P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
More results

유사한 설명 - KTX102E_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRX206U KEC-KRX206U Datasheet
87Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX215U KEC-KTX215U Datasheet
58Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX102E KEC-KTX102E Datasheet
99Kb / 5P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX213U KEC-KTX213U Datasheet
390Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX103E KEC-KTX103E Datasheet
864Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KRX211U KEC-KRX211U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
logo
Leshan Radio Company
LRX102UT1G LRC-LRX102UT1G Datasheet
490Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
logo
KEC(Korea Electronics)
KTX101U KEC-KTX101U_15 Datasheet
65Kb / 5P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX111T KEC-KTX111T_15 Datasheet
69Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX213E KEC-KTX213E Datasheet
57Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com