전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX103E 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX103E
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
GENERAL PURPOSE APPLICATION.
FEATURES
・Including two devices in TES6.
(Thin Extreme Super mini type with 6 pin.)
・Simplify circuit design.
・Reduce a quantity of parts and manufacturing process.
2008. 9. 23
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTX103E
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
Revision No : 2
Q1 MAXIMUM RATING (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
15
V
Collector-Emitter Voltage
VCEO
12
V
Emitter-Base Voltage
VEBO
6V
Collector Current
IC
500
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
200
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Q2 MAXIMUM RATING (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-500
Q1 , Q2 MAXIMUM RATING (Ta=25℃)
Marking
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Raing.




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl