전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX111T_15 데이터시트(Datasheet) 2 Page - KEC(Korea Electronics)

부품명 KTX111T_15
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 2 page
background image
2002. 1. 24
2/4
KTX111T
Revision No : 1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=35V, IE=0
-
-
0.1
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
DC Current Gain
hFE(1) (Note)
VCE=1V, IC=100
70
-
240
hFE(2) (Note)
VCE=6V, IC=400
25
-
-
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=100 , IB=10
-
0.1
0.25
V
Base-Emitter Voltage
VBE
VCE=1V, IC=100
-
0.8
1.0
V
Transition Frequency
fT
VCE=6V, IC=20
-
300
-
Collector Output Capacitance
Cob
VCB=6V, IE=0, f=1
-
7.0
-
Note) hFE(1) Classification O:70~140, Y:120~240.
hFE(2) Classification O:25(Min), Y:40(Min).
Q1 ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
-
-
-0.1
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
DC Current Gain
hFE(1) (Note)
VCE=-1V, IC=-100
70
-
240
hFE(2) (Note)
VCE=-6V, IC=-400
25
-
-
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-100 , IB=-10
-
-0.1
-0.25
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-100
-
-0.8
-1.0
V
Transition Frequency
fT
VCE=-6V, IC=-20
-
200
-
Collector Output Capacitance
Cob
VCB=-6V, IE=0, f=1
-
13
-
Note) hFE(1) Classification O:70~140, Y:120~240.
hFE(2) Classification O:25(Min), Y:40(Min).
Q2 ELECTRICAL CHARACTERISTICS (Ta=25 )




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl