전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9321PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF9321PBF
상세설명  Industry-Standard SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9321PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRF9321PBF_15 Datasheet HTML 1Page - International Rectifier IRF9321PBF_15 Datasheet HTML 2Page - International Rectifier IRF9321PBF_15 Datasheet HTML 3Page - International Rectifier IRF9321PBF_15 Datasheet HTML 4Page - International Rectifier IRF9321PBF_15 Datasheet HTML 5Page - International Rectifier IRF9321PBF_15 Datasheet HTML 6Page - International Rectifier IRF9321PBF_15 Datasheet HTML 7Page - International Rectifier IRF9321PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF9321PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.3
0.5
0.7
0.9
1.1
1.3
-VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
0.01
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TA = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec
DC
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
5
10
15
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
ID = -50µA


유사한 부품 번호 - IRF9321PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9321PBF IRF-IRF9321PBF Datasheet
275Kb / 8P
   HEXFET Power MOSFET
IRF9321PBF IRF-IRF9321PBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results

유사한 설명 - IRF9321PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
   Industry-Standard SO-8 Package
IRF9362PBF IRF-IRF9362PBF_15 Datasheet
292Kb / 8P
   Industry-Standard SO-8 Package
IRF9332PBF IRF-IRF9332PBF_15 Datasheet
289Kb / 8P
   Industry-Standard SO-8 Package
IRF9358PBF IRF-IRF9358PBF_15 Datasheet
280Kb / 8P
   Industry-Standard SO-8 Package
IRF9335PBF IRF-IRF9335PBF_15 Datasheet
274Kb / 8P
   Industry-Standard SO-8 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com