전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9328PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF9328PBF
상세설명  Industry-Standard SO8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9328PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRF9328PBF Datasheet HTML 1Page - International Rectifier IRF9328PBF Datasheet HTML 2Page - International Rectifier IRF9328PBF Datasheet HTML 3Page - International Rectifier IRF9328PBF Datasheet HTML 4Page - International Rectifier IRF9328PBF Datasheet HTML 5Page - International Rectifier IRF9328PBF Datasheet HTML 6Page - International Rectifier IRF9328PBF Datasheet HTML 7Page - International Rectifier IRF9328PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF9328PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.2
0.4
0.6
0.8
1.0
-VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
10
12
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
ID = -25μA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY RDS(on)
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
DC


유사한 부품 번호 - IRF9328PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF Datasheet
320Kb / 8P
   HEXFET Power MOSFET
IRF9328PBF IRF-IRF9328PBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results

유사한 설명 - IRF9328PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF_15 Datasheet
288Kb / 8P
   Industry-Standard SO8 Package
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
   Industry-Standard SO8 Package
IRF9393PBF IRF-IRF9393PBF_15 Datasheet
262Kb / 8P
   Industry-Standard SO8 Package
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
6/4/10
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com