전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9392PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF9392PBF
상세설명  Industry-Standard SO8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9392PBF 데이터시트(HTML) 6 Page - International Rectifier

  IRF9392PBF Datasheet HTML 1Page - International Rectifier IRF9392PBF Datasheet HTML 2Page - International Rectifier IRF9392PBF Datasheet HTML 3Page - International Rectifier IRF9392PBF Datasheet HTML 4Page - International Rectifier IRF9392PBF Datasheet HTML 5Page - International Rectifier IRF9392PBF Datasheet HTML 6Page - International Rectifier IRF9392PBF Datasheet HTML 7Page - International Rectifier IRF9392PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF9392PbF
6
www.irf.com
Fig 17a. Gate Charge Test Circuit
Fig 17b. Gate Charge Waveform
Fig 18b. Unclamped Inductive Waveforms
Fig 18a. Unclamped Inductive Test Circuit
Fig 19b. Switching Time Waveforms
Fig 19a. Switching Time Test Circuit
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
20K
S
RG
IAS
0.01Ω
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
-VGS
VDS
-VGS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
tp
V(BR)DSS
IAS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf


유사한 부품 번호 - IRF9392PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF Datasheet
288Kb / 8P
   Adaptor input Switch for notebook PC
More results

유사한 설명 - IRF9392PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
   Industry-Standard SO8 Package
IRF9393PBF IRF-IRF9393PBF_15 Datasheet
262Kb / 8P
   Industry-Standard SO8 Package
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
6/4/10
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF_15 Datasheet
320Kb / 8P
   Industry-Standard SO8 Package
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com