전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDR411 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDR411
상세설명  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR411 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDR411_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDR411_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 9. 8
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR411
SCHOTTKY BARRIER TYPE DIODE
Revision No : 4
LOW POWER RECTIFICATION
FOR SWITCHING POWER SUPPLY.
FEATURES
・Small Surface Mounting Type. (USM)
・Low Forward Voltage : V
F max=0.5V
・High Reliability
CONSTRUCTION
・Silicon epitaxial planar.
MAXIMUM RATING (Ta=25
℃)
1. NC
2. ANODE
3. CATHODE
3
2
1
DIM
MILLIMETERS
A
B
D
E
USM
2.00 0.20
1.25 0.15
0.90 0.10
0.3+0.10/-0.05
2.10
0.20
0.65
0.15+0.1/-0.06
1.30
0.00~0.10
0.70
C
G
H
J
K
L
K
1
3
2
E
B
D
H
MM
N
N
M
0.42 0.10
N
0.10 MIN
P
0.1 MAX
+
_
+
_
+
_
+
_
+
_
P
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
U3
Type Name
Marking
Lot No.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
20
V
Average Forward Current
IO
0.5
A
Peak Forward Surge Current
IFSM
3
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-40
~+125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF (1)
IF=10mA
-
-
0.3
V
VF (2)
IF=500mA
-
-
0.5
V
Reverse Current
IR
VR=10V
-
-
30
μA
Total Capacitance
CT
VR=10V, f=1MHz
-
20
-
pF


유사한 부품 번호 - KDR411_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDR411S KEC-KDR411S Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR411S KEC-KDR411S_15 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
KDR411 KEC-KDR411_08 Datasheet
21Kb / 1P
   USM PACKAGE
More results

유사한 설명 - KDR411_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com