전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDS120V 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDS120V
상세설명  SILICON EPITAXIAL TYPE DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS120V 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDS120V_15 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2001. 7. 24
1/1
SEMICONDUCTOR
TECHNICAL DATA
KDS120V
SILICON EPITAXIAL TYPE DIODE
Revision No : 0
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
Very Small Package
: VSM.
Low Forward Voltage
: VF=0.92V (Typ.).
Fast Reverse Recovery Time : trr=1.6ns(Typ.).
Small Total Capacitance
: CT=2.2pF (Typ.).
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
A
B
D
E
VSM
1.2 0.05
0.8 0.05
0.5 0.05
0.3 0.05
1.2 0.05
0.8 0.05
0.40
0.12 0.05
C
G
H
J
K
0.2 0.05
B
E
2
3
1
P
P
P
5
1. CATHODE 1
2. CATHODE 2
3. ANODE
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
3
2
1
ELECTRICAL CHARACTERISTICS (Ta=25
)
Marking
A 3
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300 *
mA
Average Forward Current
IO
100 *
mA
Surge Current (10ms)
IFSM
2 *
A
Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.61
-
V
VF(2)
IF=10mA
-
0.74
-
VF(3)
IF=100mA
-
0.92
1.20
Reverse Current
IR
VR=80V
-
-
0.5
A
Total Capacitance
CT
VR=0, f=1MHz
-
2.2
4.0
pF
Reverse Recovery Time
trr
IF=10mA
-
1.6
4.0
nS
Note : * Unit Rating. Total Rating=Unit Rating x 1.5


유사한 부품 번호 - KDS120V_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDS120V KEC-KDS120V Datasheet
68Kb / 1P
   SILICON EPITAXIAL TYPE DIODE
More results

유사한 설명 - KDS120V_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDS112V KEC-KDS112V Datasheet
67Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS112 KEC-KDS112_15 Datasheet
352Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120 KEC-KDS120_08 Datasheet
42Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120 KEC-KDS120_15 Datasheet
528Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120E KEC-KDS120E_15 Datasheet
356Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS112E KEC-KDS112E_15 Datasheet
349Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120V KEC-KDS120V Datasheet
68Kb / 1P
   SILICON EPITAXIAL TYPE DIODE
BAW56T KEC-BAW56T Datasheet
40Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
logo
Toshiba Semiconductor
015AZ2 TOSHIBA-015AZ2 Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
1N4606 TOSHIBA-1N4606 Datasheet
37Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE DIODE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com