전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ15003 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MJ15003
상세설명  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15003 데이터시트(HTML) 3 Page - ON Semiconductor

  MJ15003_13 Datasheet HTML 1Page - ON Semiconductor MJ15003_13 Datasheet HTML 2Page - ON Semiconductor MJ15003_13 Datasheet HTML 3Page - ON Semiconductor MJ15003_13 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ15003 (NPN), MJ15004 (PNP)
http://onsemi.com
3
TYPICAL CHARACTERISTICS MJ15003G (NPN)
Figure 3. Base−Emitter Saturation Voltage
Figure 4. Safe Operating Area
IC, COLLECTOR CURRENT (A)
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
0
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1,000
100
10
1
0.1
1
10
100
1.2
150°C
−55°C
25°C
IC/IB = 10
100 mSec
1.0 Sec
TYPICAL CHARACTERISTICS MJ15004G (PNP)
Figure 5. DC Current Gain
Figure 6. Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
100
10
1
0.1
1
10
100
1,000
100
10
1
0.1
0
0.1
0.2
0.4
0.6
0.7
0.8
1.0
Figure 7. Base−Emitter Saturation Voltage
Figure 8. Safe Operating Area
IC, COLLECTOR CURRENT (mA)
VCE, COLLECTOR EMITTER VOLTAGE (V)
10
1
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1,000
100
10
1
0.1
1
10
100
150°C
−55°C
25°C
VCE = 2 V
0.3
0.5
0.9
150°C
−55°C
25°C
IC/IB = 10
150°C
−55°C
25°C
IC/IB = 10
100 mSec
1.0 Sec


유사한 부품 번호 - MJ15003_13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJ15003G ONSEMI-MJ15003G Datasheet
60Kb / 3P
   Complementary Silicon Power Transistors
September, 2013 ??Rev. 16
More results

유사한 설명 - MJ15003_13

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com