전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4614T-AN 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 2SC4614T-AN
상세설명  Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4614T-AN 데이터시트(HTML) 6 Page - ON Semiconductor

  2SC4614T-AN Datasheet HTML 1Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 2Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 3Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 4Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 5Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 6Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Drawing
2SA1770S-AN, 2SA1770T-AN, 2SC4614S-AN, 2SC4614T-AN
Mass (g) Unit
0.275
* For reference mm
2SA1770 / 2SC4614
No.3578-6/7


유사한 부품 번호 - 2SC4614T-AN

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SC4614T-AN SANYO-2SC4614T-AN Datasheet
515Kb / 7P
   High-Voltage Switching Applications
More results

유사한 설명 - 2SC4614T-AN

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com