전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z02W100V 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 Z02W100V
상세설명  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z02W100V 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  Z02W100V Datasheet HTML 1Page - KEC(Korea Electronics) Z02W100V Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 2. 21
2/2
Z02W100V
Revision No : 0
ZENER VOLTAGE VZ (V)
IZ - VZ
30
0
1
µ
10
µ
100
µ
1m
10m
60
90
120
1n
10n
100n
1K
1
µ
10
µ
100
µ
PULSE WIDTH TIME tW (S)
PZSM - tw
1m
10m
100m
1
10
100
tr
Repetitive
Ta=25 C
Ta=25 C
TYP.
P - Ta
0
0
50
25
75
100
125
150
50
100
200
150
250
AMBIENT TEMPERATURE Ta ( C)
* MOUNTED ON A GLASS
EPOXY CIRCUIT BOARD
OF 20
x20mm
PAD DIMENSION
OF 4
x4mm
ZENER VOLTAGE VZ (V)
γ
Z - VZ
0
SS
0
60
70
TYP.
50
40
80
%/ C
mV/ C
90
110
100
120 130
0.07
0.08
0.11
0.09
0.10
0.12
20
40
60
120
80
100
140


유사한 부품 번호 - Z02W100V

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results

유사한 설명 - Z02W100V

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com