전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB10000-HR 데이터시트(PDF) 1 Page - Marktech Corporate

부품명 MTB10000-HR
상세설명  Marktech Bar Graph Array (10 Segment)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTB10000-HR 데이터시트(HTML) 1 Page - Marktech Corporate

  MTB10000-HR Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
401
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
LED Lamp
LED Lamp
LED Lamp
LED Lamp
LED Lamp Ar
Ar
Ar
Ar
Arrrrrraaaaays
ys
ys
ys
ys
• 10 segment LED Bar Graph Array
• Solid state reliability
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PIN NO. FUNCTION PIN NO. FUNCTION
1.
A ANODE
11.
J CATHODE
2.
B ANODE
12.
I CATHODE
3.
C ANODE
13.
H CATHODE
4.
D ANODE
14.
G CATHODE
5.
E ANODE
15.
F CATHODE
6.
F ANODE
16.
E CATHODE
7.
G ANODE
17.
D CATHODE
8.
H ANODE
18.
C CATHODE
9.
I ANODE
19.
B CATHODE
10.
J ANODE
20.
A CATHODE
NOTE: Pin 1 is designated by the following:
A) Cham on left corner of bar array.
B) Left side of face containing device part
number.
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PART NO.
PEAK WAVE
LENGTH
(nm)
EMITTED
COLOR
MAXIMUM RATINGS
OPTO ELECTRICAL CHARACTERISTICS
IF(mA)
VR
(V)
PD
(mW)
T
opr(°C)
T
stg(°C)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ.per
seg.
@mA
MTB10000-RG
700
Red
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
900
10
MTB10000-G
567
Green
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
3400
10
MTB10000-Y
585
Yellow
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
2800
10
MTB10000-O
635
Orange
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
3900
10
MTB10000-HR
635
Hi-Eff Red
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
3900
10
MTB10000-UR
660
Ultra Red
30
4
70
-25~+85
-25~+100
1.9
2.5
20
100
4
34200
20


유사한 부품 번호 - MTB10000-HR

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTB10000-HR-A MARKTECH-MTB10000-HR-A Datasheet
199Kb / 3P
   Standard LEDs
More results

유사한 설명 - MTB10000-HR

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTB5000-G MARKTECH-MTB5000-G Datasheet
38Kb / 2P
   Marktech Bar Graph Array (5 Segment)
MTA7072-G MARKTECH-MTA7072-G Datasheet
31Kb / 1P
   Marktech Bar Graph Array (7 Segment)
logo
Kingbright Corporation
DC7G3HWA KINGBRIGHT-DC7G3HWA Datasheet
142Kb / 5P
   10 SEGMENT BAR GRAPH ARRAY
DC10CGKWA KINGBRIGHT-DC10CGKWA Datasheet
353Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
DC10SYKWA KINGBRIGHT-DC10SYKWA Datasheet
352Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
DC10YWA KINGBRIGHT-DC10YWA Datasheet
147Kb / 4P
   10 SEGMENT BAR GRAPH ARRAY
DC10EWA KINGBRIGHT-DC10EWA Datasheet
63Kb / 3P
   10 SEGMENT BAR GRAPH ARRAY
DC10GWA KINGBRIGHT-DC10GWA Datasheet
147Kb / 4P
   10 SEGMENT BAR GRAPH ARRAY
DC10SURKWA KINGBRIGHT-DC10SURKWA Datasheet
354Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
logo
Marktech Corporate
MTB10062-HRG MARKTECH-MTB10062-HRG Datasheet
32Kb / 1P
   Marktech Bar Graph Array (Bi?묬olor)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com