전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2931 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LM2931
상세설명  100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LM2931 Datasheet HTML 5Page - ON Semiconductor LM2931 Datasheet HTML 6Page - ON Semiconductor LM2931 Datasheet HTML 7Page - ON Semiconductor LM2931 Datasheet HTML 8Page - ON Semiconductor LM2931 Datasheet HTML 9Page - ON Semiconductor LM2931 Datasheet HTML 10Page - ON Semiconductor LM2931 Datasheet HTML 11Page - ON Semiconductor LM2931 Datasheet HTML 12Page - ON Semiconductor LM2931 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
9
Figure 17. Fixed Output Regulator
Figure 18. Adjustable Output Regulator
Figure 19. (5.0 A) Low Differential
Voltage Regulator
Figure 20. Current Boost Regulator with
Short Circuit Projection
Figure 21. Constant Intensity Lamp Flasher
Vin
Input
Output
Vout
CO
IB
GND
Cin
0.1
LM2931-5.0
Fixed
Output
Switch Position 1 = Output “On", 2 = Output “Off"
LM2931C
Adjustable
Output
Vin
Cin
0.1
Vout
CO
Output
Input
51 k
1
2
Output
Inhibit
Adjust
GND
IAdj
R1
R2
IB
The LM2931 series can be current boosted with a PNP transistor. The
D45VH7, on a heatsink, will provide an output current of 5.0 A with an input
to output voltage differential of approximately 1.0 V. Resistor R in
conjunction with the VBE of the PNP determines when the pass transistor
begins conducting. This circuit is not short circuit proof.
Input
≥ 6.0 V
D45VH7
5.0 V @ 5.0 A
Output
100
+
100
+
68
LM2931-5.0
LM2931C
Input
6.4 V to 30 V
2.0 k
8.2 k
100
+
CM
#345
100
+
33 k
6.2 V
fosc = 2.2 Hz
0
22.5k
w
R
1
R
2
R
1 )
R
2
Vout + Vref 1 )
R
2
R
1
) I
Adj
R
2
R
The circuit of Figure 19 can be modified to provide supply protection against
short circuits by adding the current sense resistor RSC and an additional PNP
transistor. The current sensing PNP must be capable of handling the short
circuit current of the LM2931. Safe operating area of both transistors must be
considered under worst case conditions.
Input
R
RSC
Output
LM2931-5.0
100
100
++


유사한 부품 번호 - LM2931

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931 ONSEMI-LM2931 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
logo
Motorola, Inc
LM2931 MOTOROLA-LM2931 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
More results

유사한 설명 - LM2931

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com