전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSRD8620CTRG 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 SSRD8620CTRG
상세설명  SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SSRD8620CTRG 데이터시트(HTML) 1 Page - ON Semiconductor

  SSRD8620CTRG Datasheet HTML 1Page - ON Semiconductor SSRD8620CTRG Datasheet HTML 2Page - ON Semiconductor SSRD8620CTRG Datasheet HTML 3Page - ON Semiconductor SSRD8620CTRG Datasheet HTML 4Page - ON Semiconductor SSRD8620CTRG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 3
1
Publication Order Number:
MSRD620CTR/D
MSRD620CTRG,
MSRD620CTT4RG,
SSRD8620CTRG,
SSRD8620CTT4RG
SWITCHMODE
Soft Ultrafast Recovery
Reverse Polarity Power
Rectifier
State−of−the−art geometry features epitaxial construction with
glass passivation. Ideally suited for low voltage, high frequency
switching power supplies, free wheeling diode and polarity
protection diodes.
Features
Soft Ultrafast Recovery
Matched Dual Die Construction − May Be Paralleled for High
Current Output
Short Heat Sink Tab Manufactured − Not Sheared
Epoxy Meets UL 94 V−0 @ 0.125 in.
AEC−Q101 Qualified and PPAP Capable
SSRD8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
All Packages are Pb-Free*
Mechanical Characteristics
Case: Epoxy, Molded
Weight: 0.4 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260C Max. for 10 Seconds
ESD Ratings:
Machine Model = C
Human Body Model = 2
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOFT ULTRAFAST
REVERSE POLARITY RECTI-
FIER
6.0 AMPERES, 200 VOLTS
1
3
4
DPAK
CASE 369C
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
AYWW
S
620RG
Device
Package
Shipping
ORDERING INFORMATION
MSRD620CTT4RG
DPAK
(Pb−Free)
2,500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MSRD620CTRG
DPAK
(Pb−Free)
75 Units/Rail
http://onsemi.com
SSRD8620CTRG
DPAK
(Pb−Free)
75 Units/Rail
SSRD8620CTT4RG
DPAK
(Pb−Free)
2,500 /
Tape & Reel


유사한 부품 번호 - SSRD8620CTRG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SSRD8620CT ONSEMI-SSRD8620CT Datasheet
69Kb / 6P
   Switch-mode Soft Ultrafast Recovery Power Rectifier
October, 2016 ??Rev. 8
SSRD8620CT ONSEMI-SSRD8620CT Datasheet
209Kb / 7P
   Switch-mode Soft Ultrafast Recovery Power Rectifier Plastic DPAK Package
August, 2020 - Rev. 9
SSRD8620CTT4G ONSEMI-SSRD8620CTT4G Datasheet
156Kb / 5P
   SWITCHMODE Soft Ultrafast Recovery Power Rectifier
January, 2012 ??Rev. 7
SSRD8620CTT4G ONSEMI-SSRD8620CTT4G Datasheet
69Kb / 6P
   Switch-mode Soft Ultrafast Recovery Power Rectifier
October, 2016 ??Rev. 8
SSRD8620CTT4G ONSEMI-SSRD8620CTT4G Datasheet
209Kb / 7P
   Switch-mode Soft Ultrafast Recovery Power Rectifier Plastic DPAK Package
August, 2020 - Rev. 9
More results

유사한 설명 - SSRD8620CTRG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MSRD620CTRG ONSEMI-MSRD620CTRG Datasheet
130Kb / 5P
   SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
MSRD620CT ONSEMI-MSRD620CT Datasheet
73Kb / 6P
   SWITCHMODE Soft Ultrafast Recovery Power Rectifier
August, 2004 ??Rev. 3
MSRD620CTG ONSEMI-MSRD620CTG_12 Datasheet
156Kb / 5P
   SWITCHMODE Soft Ultrafast Recovery Power Rectifier
January, 2012 ??Rev. 7
MSR1560 ONSEMI-MSR1560 Datasheet
47Kb / 8P
   SWITCHMODE Soft Recovery Power Rectifier
October, 2000 ??Rev. 2
MSR1560 ONSEMI-MSR1560_06 Datasheet
60Kb / 6P
   SWITCHMODE Soft Recovery Power Rectifier
February, 2006 ??Rev. 3
MSR860 ONSEMI-MSR860 Datasheet
64Kb / 5P
   SWITCHMODE Soft Recovery Power Rectifier
February, 2006 ??Rev. 3
logo
General Semiconductor
UGB8HT GE-UGB8HT Datasheet
39Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10ACT GE-UGF10ACT Datasheet
85Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG10ACT GE-UG10ACT Datasheet
100Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10ACT GE-UGB10ACT Datasheet
86Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com