전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78D05AF 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KIA78D05AF
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D05AF 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KIA78D05AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D05AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D05AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D05AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D05AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D05AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D05AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D05AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D05AF Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2014. 5. 13
4/11
KIA78D15AF~KIA78D05AF
Revision No : 0
INPUT VOLTAGE (V)
Fig. 1-3 Input Voltage vs. Output Voltage
(KIA78D05AF)
0.0
0.0
2.0
10.0
6.0
8.0
4.0
12.0
14.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.0
INPUT VOLTAGE (V)
Fig. 1-1 Input Voltage vs. Output Voltage
(KIA78D15AF)
4.0
2.0
6.0
8.0
10.0
12.0
14.0
0.5
1.0
1.5
2.0
INPUT VOLTAGE (V)
2
1
0.0
0
2.0
6.0
8.0
4.0
10.0
14.0
12.0
Fig. 2-1 Input Voltage vs. Input Current
(KIA78D15AF)
5
4
3
4.0
INPUT VOLTAGE (V)
0.0
0.0
1.0
0.5
1.5
2.5
2.0
3.0
2.0
12.0
6.0
8.0
10.0
14.0
Fig. 1-2 Input Voltage vs. Output Voltage
(KIA78D33AF)
4.0
3.5
Io =1mA, 250mA, 500mA, 1000mA
Io =1mA, 250mA, 500mA, 1000mA
Io =1mA, 250mA, 500mA, 1000mA
INPUT VOLTAGE (V)
Fig. 2-2 Input Voltage vs. Input Current
(KIA78D33AF)
2
1
0.0
0
2.0
6.0
8.0
4.0
10.0
14.0
12.0
5
4
3
Fig. 2-3 Input Voltage vs. Input Current
(KIA78D05AF)
INPUT VOLTAGE (V)
2
1
0.0
0
2.0
6.0
8.0
4.0
10.0
14.0
12.0
5
4
3
Typical Characteristics (Ta=25
℃, C
IN=COUT=1μ
F, , unless otherwise specified.)


유사한 부품 번호 - KIA78D05AF

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78D05 KEC-KIA78D05 Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D05 KEC-KIA78D05 Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D05 KEC-KIA78D05 Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D050PI KEC-KIA78D050PI Datasheet
1Mb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78D050S/F KEC-KIA78D050S/F Datasheet
1Mb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA78D05AF

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com