전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78DL15F 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KIA78DL15F
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78DL15F 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KIA78DL15F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78DL15F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78DL15F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78DL15F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78DL15F Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2004. 11. 17
4/5
KIA78DL05F/PI~78DL15F/PI
Revision No : 2
1
2
3
KIA78DLXX
VOUT
VIN
KIA78DL12F/PI
ELECTRICAL CHARACTERISTICS (VIN=18V, IOUT=10mA, Tj=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
12.35V
VIN 26V, -40
Ta
85
10.8
12
13.2
V
Line Regulation
VOUT(1)
16V
VIN 23V
-
5
24
mV
13V
VIN 26V
-
10
70
Load Regulation
VOUT(2)
10mA
IOUT 200mA
-
33
120
mV
Quiescent Current
ICC
IOUT 10mA, 13V VIN 26V
-
0.8
-
mA
Dropout Voltage
VDROP
IOUT= 50mA
-
0.15
0.3
V
IOUT=200mA
-
0.4
0.6
Max. Operating Input Voltage
VIN
-
29
33
-
V
KIA78DL15F/PI
ELECTRICAL CHARACTERISTICS (VIN=20V, IOUT=10mA, Tj=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
15.35V
VIN 26V, -40
Ta
85
13.5
15
16.5
V
Line Regulation
VOUT(1)
19V
VIN 26V
-
6
30
mV
16V
VIN 26V
-
12
80
Load Regulation
VOUT(2)
10mA
IOUT 200mA
-
40
150
mV
Quiescent Current
ICC
IOUT 10mA, 16V VIN 26V
-
0.9
-
mA
Dropout Voltage
VDROP
IOUT= 50mA
-
0.15
0.3
V
IOUT=200mA
-
0.4
0.6
Max. Operating Input Voltage
VIN
-
29
33
-
V
Fig.1 Standard Fest Circuit & Application Circuit


유사한 부품 번호 - KIA78DL15F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78DL15F KEC-KIA78DL15F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL15F/PI KEC-KIA78DL15F/PI Datasheet
74Kb / 5P
   SEMICONDUCTOR
More results

유사한 설명 - KIA78DL15F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com