전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA79L14F 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KIA79L14F
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79L14F 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KIA79L14F Datasheet HTML 1Page - KEC(Korea Electronics) KIA79L14F Datasheet HTML 2Page - KEC(Korea Electronics) KIA79L14F Datasheet HTML 3Page - KEC(Korea Electronics) KIA79L14F Datasheet HTML 4Page - KEC(Korea Electronics) KIA79L14F Datasheet HTML 5Page - KEC(Korea Electronics) KIA79L14F Datasheet HTML 6Page - KEC(Korea Electronics) KIA79L14F Datasheet HTML 7Page - KEC(Korea Electronics) KIA79L14F Datasheet HTML 8Page - KEC(Korea Electronics) KIA79L14F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1997. 3. 26
1/14
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 2
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V
FEATURES
Best Suited to a Power Supply for TTL and C2-MOS.
Built-in Overcurrent Protective Circuit.
Built-in Thermal Protective Circuit.
Max. Output Current 150mA (Tj=25 ).
Packaged in Power mini.
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. INPUT (CASE)
A
C
K
F
MILLIMETERS
H
1. COMMON
3. OUTPUT
FF
D
+
_
+
_
MAXIMUM RATINGS (Ta=25 )
KIA79L05F~
KIA79L24F
BIPOLAR LINEAR INTEGRATED CIRCUIT
EQUIVALENT CIRCUIT
R1
Z1
R3
R2
Q1
Q19
R10
Q2
R4
R5
R6
Q4
R7
R8
Q5
R10
R9
Q6
R11
Q9
R12
Q8
Q10
Q12
Q11
R20
Q13
Q14
R13
R14
Q
Q
15
16
Q17
Q
18
R15
R16
R18
R17
Q3
C1
GND
(1)
OUTPUT
(3)
INPUT
(2)
7
Q
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA79L05F
KIA79L15F
VIN
-35
V
KIA79L18F
KIA79L24F
-40
Power Dissipation (Tc=25 )
PD
500
mW
Operating Junction Temperature
Tj
-30 150
Operating Temperature
Topr
-30 75
Storage temperature
Tstg
-55 150
Type No.
Marking
Type No.
Marking
Type No.
Marking
Type No.
Marking
KIA79L05F
9A
KIA79L09F
9D
KIA79L15F
9G
KIA79L24F
9J
KIA79L06F
9B
KIA79L10F
9E
KIA79L18F
9H
KIA79L08F
9C
KIA79L12F
9F
KIA79L20F
9I
Marking


유사한 부품 번호 - KIA79L14F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA79L10BP KEC-KIA79L10BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L10F KEC-KIA79L10F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L12BP KEC-KIA79L12BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L12F KEC-KIA79L12F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L15BP KEC-KIA79L15BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

유사한 설명 - KIA79L14F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com