전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD10PU80 데이터시트(PDF) 1 Page - Bruckewell Technology LTD

부품명 SD10PU80
상세설명  Ideal for automated placement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SD10PU80 데이터시트(HTML) 1 Page - Bruckewell Technology LTD

  SD10PU80 Datasheet HTML 1Page - Bruckewell Technology LTD SD10PU80 Datasheet HTML 2Page - Bruckewell Technology LTD SD10PU80 Datasheet HTML 3Page - Bruckewell Technology LTD SD10PU80 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD10PU80
Publication Order Number: SD10PU80
©Bruckewell Technology Corporation Rev. A -2014
Product profile
High Current Density Surface Mount Ultra Low VF
Schottky Rectifier
General description
Rectifiers 10 Amp 80V
Features
Very low profile - typical height of 1.1 mm
Ideal for automated placement
Low forward voltage drop, low power losses
High efficiency
Low thermal resistance
Meets MSL level 1, per J-STD-020
Solder dip 260 °C max. 10 s, per JESD 22-A111
Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical data
Case: DFN 3.3X3.3
Molding compound meets UL 94 V-0 flammability
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SD10PU80
Unit
Maximum repetitive peak reverse voltage
VRRM
80
V
RMS Voltage (Max.)
VRMS
56
V
Working peak reverse voltage
VRWM
80
V
Maximum average forward rectified current
Total Device
IF(AV)
10
A
Peak forward surge current
IFSM
100
A
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJC
3
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40


유사한 부품 번호 - SD10PU80

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
SD10PU100 BWTECH-SD10PU100 Datasheet
166Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SD10PU120 BWTECH-SD10PU120 Datasheet
426Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
   Very low conduction losses
logo
ABLE Power Products
SD10PUR-3L ABLEPOWERPRODUCTS-SD10PUR-3L Datasheet
792Kb / 1P
   Shorting Cap Surge Protector With External Ground Wire
Revised 7/6/2020
SD10PUR-7L ABLEPOWERPRODUCTS-SD10PUR-7L Datasheet
792Kb / 1P
   Shorting Cap Surge Protector With External Ground Wire
Revised 7/6/2020
More results

유사한 설명 - SD10PU80

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SE70PB VISHAY-SE70PB Datasheet
100Kb / 5P
   Ideal for automated placement
Revision: 10-Jul-15
VSSAF3N50 VISHAY-VSSAF3N50 Datasheet
110Kb / 5P
   Ideal for automated placement
Revision: 24-Jul-14
SS12-M3 VISHAY-SS12-M3 Datasheet
96Kb / 4P
   Ideal for automated placement
Revision: 04-Aug-15
V8P8-M3 VISHAY-V8P8-M3 Datasheet
96Kb / 5P
   Ideal for automated placement
Revision: 04-May-15
V12P45-M3 VISHAY-V12P45-M3 Datasheet
95Kb / 5P
   Ideal for automated placement
Revision: 05-May-15
logo
Pan Jit International I...
SVM1560UB PANJIT-SVM1560UB Datasheet
175Kb / 5P
   Ideal for automated placement
logo
Vishay Siliconix
SE40PB VISHAY-SE40PB Datasheet
99Kb / 5P
   Ideal for automated placement
Revision: 10-Dec-14
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
   Ideal for automated placement
Revision: 09-Dec-13
logo
Shanghai Leiditech Elec...
LMKAK10 LEIDITECH-LMKAK10 Datasheet
526Kb / 4P
   Ideal for automated placement
logo
Pan Jit International I...
SVC10120VB PANJIT-SVC10120VB Datasheet
149Kb / 5P
   Ideal for automated placement
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com