전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8596 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8596
상세설명  I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8596 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8596_15 Datasheet HTML 1Page - NXP Semiconductors TDA8596_15 Datasheet HTML 2Page - NXP Semiconductors TDA8596_15 Datasheet HTML 3Page - NXP Semiconductors TDA8596_15 Datasheet HTML 4Page - NXP Semiconductors TDA8596_15 Datasheet HTML 5Page - NXP Semiconductors TDA8596_15 Datasheet HTML 6Page - NXP Semiconductors TDA8596_15 Datasheet HTML 7Page - NXP Semiconductors TDA8596_15 Datasheet HTML 8Page - NXP Semiconductors TDA8596_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TDA8596_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 8 November 2007
5 of 48
NXP Semiconductors
TDA8596
I2C-bus controlled 4
× 45 W power amplifier with symmetrical inputs
7.
Functional description
The TDA8596 is a quad BTL audio power amplifier with symmetrical inputs, made in
BCDMOS technology. It contains four independent amplifier channels in BTL configuration
with complementary (PMOST/NMOST) output stages (see Figure 1). The status of each
amplifier channel (output offset, connected load, short circuit condition at output pins) can
be read out separately via the I2C-bus. The TDA8596 is protected against overvoltage on
the supply pins, short circuits at the output pins, overheating and loss-of-ground or
loss-of-VP conditions.
The temperature pre-warning level and the clip detection levels can be programmed via
the I2C-bus. Further, the information that will be available on the diagnostic pins (i.e. DIAG
or STB) can be programmed. Three different I2C-bus addresses can be selected by
connecting a resistor to the ADSEL pin. In case the ADSEL pin is shorted to ground, the
TDA8596 operates in legacy mode. In this mode no I2C-bus is needed and the STB pin
will change from a two level pin (Standby mode and Operating mode) to a three level pin
(Standby, Mute operating and Normal operating mode).
PGND3
16
power ground channel 3
OUT3
17
channel 3 negative output
OUT3+
18
channel 3 positive output
VP1
19 and 20
supply voltage 1
SCL
21
I2C-bus clock input
GAINSEL
22
gain select input (legacy mode only)
OUT4
23
channel 4 negative output
PGND4
24
power ground channel 4
OUT4+
25
channel 4 positive output
SDA
26
I2C-bus data input/output
SVR
27
half supply filter capacitor
ADSEL
28
I2C-bus address select
STB
29
standby (I2C-bus mode) or mode pin (legacy mode);
programmable second clip indicator
OUT2+
30
channel 2 positive output
PGND2
31
power ground channel 2
OUT2
32
channel 2 negative output
DIAG
33
diagnostic/clip detection output
VP2
34 and 35
supply voltage 2
TAB
36
heatsink connection; must be connected to ground
Table 3.
Pin description …continued
Symbol
Pin
Description


유사한 부품 번호 - TDA8596_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8591 PHILIPS-TDA8591 Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594J NXP-TDA8594J Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594SD NXP-TDA8594SD Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
More results

유사한 설명 - TDA8596_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
logo
Texas Instruments
TPA0172 TI-TPA0172 Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
TPA0172 TI-TPA0172_15 Datasheet
957Kb / 36P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com