전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8920C 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA8920C
상세설명  2 X 110 W class-D power amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920C 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA8920C_15 Datasheet HTML 4Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 5Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 6Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 7Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 8Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 9Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 10Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 11Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TDA8920C_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
8 of 39
NXP Semiconductors
TDA8920C
2
× 110 W class-D power amplifier
8.2 Pulse-width modulation frequency
The amplifier output signal is a PWM signal with a typical carrier frequency of between
250 kHz and 450 kHz. A 2nd-order LC demodulation filter on the output is used to convert
the PWM signal into an analog audio signal. The carrier frequency is determined by an
external resistor, ROSC, connected between pins OSC and VSSA. The optimal carrier
frequency setting is between 250 kHz and 450 kHz.
The carrier frequency is set to 345 kHz by connecting an external 30 k
Ω resistor between
pins OSC and VSSA. See Table 9 on page 14 for more details.
If two or more class-D amplifiers are used in the same audio application, it is
recommended that an external clock circuit be used with all devices (see Section 13.4).
This will ensure that they operate at the same switching frequency, thus avoiding beat
tones (if the switching frequencies are different, audible interference known as ‘beat tones’
can be generated)
8.3 Protection
The following protection circuits are incorporated into the TDA8920C:
Thermal protection:
– Thermal FoldBack (TFB)
– OverTemperature Protection (OTP)
OverCurrent Protection (OCP)
Window Protection (WP)
Supply voltage protection:
– UnderVoltage Protection (UVP)
– OverVoltage Protection (OVP)
– UnBalance Protection (UBP)
How the device reacts to a fault conditions depends on which protection circuit has been
activated.
8.3.1 Thermal protection
The TDA8920C employes an advanced thermal protection strategy. A TFB function
gradually reduces the output power within a defined temperature range. If the temperature
continues to rise, OTP is activated to shut down the device completely.
8.3.1.1
Thermal FoldBack (TFB)
If the junction temperature (Tj) exceeds the thermal foldback activation threshold, the gain
is gradually reduced. This reduces the output signal amplitude and the power dissipation,
eventually stabilizing the temperature.
TFB is specified at the thermal foldback activation temperature Tact(th_fold) where the
closed-loop voltage gain is reduced by 6 dB. The TFB range is:
Tact(th_fold) − 5 °C < Tact(th_fold) < Tact(th_prot)
The value of Tact(th_fold) for the TDA8920C is approximately 153 °C; see Table 8 for more
details.


유사한 부품 번호 - TDA8920C_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8920CJ NXP-TDA8920CJ Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920CJ NXP-TDA8920CJ Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920CTH NXP-TDA8920CTH Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920CTH NXP-TDA8920CTH Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

유사한 설명 - TDA8920C_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com