전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1PS70SB14_15 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 1PS70SB14_15
상세설명  Dual Schottky barrier diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS70SB14_15 데이터시트(HTML) 2 Page - NXP Semiconductors

  1PS70SB14_15_15 Datasheet HTML 1Page - NXP Semiconductors 1PS70SB14_15_15 Datasheet HTML 2Page - NXP Semiconductors 1PS70SB14_15_15 Datasheet HTML 3Page - NXP Semiconductors 1PS70SB14_15_15 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB14_15_15 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB14_15_15 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB14_15_15 Datasheet HTML 7Page - NXP Semiconductors 1PS70SB14_15_15 Datasheet HTML 8Page - NXP Semiconductors 1PS70SB14_15_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NXP Semiconductors
1PS70SB14
Dual Schottky barrier diode
1PS70SB14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
17 December 2012
2 / 9
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
A1
anode (diode1)
2
K2
cathode (diode2)
3
K1, A2
cathode (diode1) and anode
(diode2)
1
2
3
SC-70 (SOT323)
aaa-004973
A1
K2
K1, A2
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
1PS70SB14
SC-70
plastic surface-mounted package; 3 leads
SOT323
7. Marking
Table 4.
Marking codes
Type number
Marking code
[1]
1PS70SB14
7%4
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward current tp ≤ 1 s; δ ≤ 0.5
-
300
mA
IFSM
non-repetitive peak forward
current
tp < 10 ms; Tj(init) = 25 °C
-
600
mA
Ptot
total power dissipation
Tamb < 25 °C
-
200
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C


유사한 부품 번호 - 1PS70SB14_15_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS70SB14 PHILIPS-1PS70SB14 Datasheet
57Kb / 8P
   Schottky barrier (double) diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
1PS70SB14 KEXIN-1PS70SB14 Datasheet
49Kb / 1P
   Schottky barrier (double) diodes
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
More results

유사한 설명 - 1PS70SB14_15_15

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
NXP Semiconductors
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Leshan Radio Company
MMBD352WT1 LRC-MMBD352WT1 Datasheet
48Kb / 2P
   Dual Schottky Barrier Diode
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
   Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Advanced Semiconductor
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1G ONSEMI-MMBD352WT1G Datasheet
127Kb / 3P
   Dual Schottky Barrier Diode
November, 2011 ??Rev. 5
logo
Seme LAB
SB30-45MSMD SEME-LAB-SB30-45MSMD Datasheet
24Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com