전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1PS76SB21_15 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 1PS76SB21_15
상세설명  Schottky barrier diodes in small packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB21_15 데이터시트(HTML) 2 Page - NXP Semiconductors

  1PS76SB21_15_15 Datasheet HTML 1Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 2Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 5Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 6Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 7Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 8Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
2 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
2.
Pinning information
[1]
The marking bar indicates the cathode.
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1PS76SB21
1
cathode
[1]
2
anode
BAT721
1
anode
2
not connected
3
cathode
BAT721A
1
cathode (diode 1)
2
cathode (diode 2)
3
anode (diode 1),
anode (diode 2)
BAT721C
1
anode (diode 1)
2
anode (diode 2)
3
cathode (diode 1),
cathode (diode 2)
BAT721S
1
anode (diode 1)
2
cathode (diode 2)
3
cathode (diode 1),
anode (diode 2)
2
1
sym001
12
006aaa144
12
3
006aaa436
1
3
2
n.c.
006aaa144
12
3
006aaa439
12
3
006aaa144
12
3
006aaa438
12
3
006aaa144
12
3
006aaa437
12
3


유사한 부품 번호 - 1PS76SB21_15_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
1PS76SB21-Q NEXPERIA-1PS76SB21-Q Datasheet
190Kb / 10P
   40 V, 200 mA Schottky barrier diode
25 July 2022
More results

유사한 설명 - 1PS76SB21_15_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
   Small Signal Schottky Barrier Diodes
logo
NXP Semiconductors
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
   Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
   Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com